Electronic Components Datasheet Search
  English  ▼

X  

AD9739BBCRL Datasheet(PDF) 23 Page - Analog Devices

Part # AD9739BBCRL
Description  14-Bit, 2.5 GSPS, RF Digital-to-Analog Converter
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9739BBCRL Datasheet(HTML) 23 Page - Analog Devices

Back Button AD9739BBCRL Datasheet HTML 19Page - Analog Devices AD9739BBCRL Datasheet HTML 20Page - Analog Devices AD9739BBCRL Datasheet HTML 21Page - Analog Devices AD9739BBCRL Datasheet HTML 22Page - Analog Devices AD9739BBCRL Datasheet HTML 23Page - Analog Devices AD9739BBCRL Datasheet HTML 24Page - Analog Devices AD9739BBCRL Datasheet HTML 25Page - Analog Devices AD9739BBCRL Datasheet HTML 26Page - Analog Devices AD9739BBCRL Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 50 page
background image
Data Sheet
AD9739
Rev. E | Page 23 of 50
Name
Hex
Addr
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
LVDS_
REC_
STAT3
1B
DCI_DEL[1]
DCI_DEL[0]
N/A
N/A
SYNCOUT
PH[1]
SYNCOUT
PH[0]
CLKDIV
PH[1]
CLKDIV
PH[0]
0xC0
LVDS_
REC_
STAT4
1C
DCI_DEL[9]
DCI_
DEL[8]
DCI_
DEL[7]
DCI_
DEL[6]
DCI_
DEL[5]
DCI_
DEL[4]
DCI_
DEL[3]
DCI_
DEL[2]
0x29
LVDS_
REC_
STAT5
1D
FINE_DEL_
PST[3]
FINE_DEL_
PST[2]
FINE_DEL_
PST[1]
FINE_DEL_
PST[0]
FINE_DEL_
PRE[3]
FINE_DEL_
PRE[2]
FINE_DEL_
PRE[1]
FINE_DEL_
PRE[0]
0x86
LVDS_
REC_
STAT6
1E
N/A
SYNCO_
DEL[6]
SYNCO_
DEL[5]
SYNCO_
DEL[4]
SYNCO_
DEL[3]
SYNCO_
DEL[2]
SYNCO_
DEL[1]
SYNCO_
DEL[0]
0x00
LVDS_
REC_
STAT7
1F
SYNCSH_
DEL[0]
N/A
N/A
N/A
N/A
N/A
N/A
N/A
0x00
LVDS_
REC_
STAT8
20
SYNCSH_
DEL[8]
SYNCSH_
DEL[7]
SYNCSH_
DEL[6]
SYNCSH_
DEL[5]
SYNCSH_
DEL[4]
SYNCSH_
DEL[3]
SYNCSH_
DEL[2]
SYNCSH_
DEL[1]
0x00
LVDS_
REC_
STAT9
21
SYNC_
TRK_ON
SYNC_
INIT_ON
SYNC_
LST_LCK
SYNC_LCK
RCVR_
TRK_ON
RCVR_
FE_ON
RCVR_LST
RCVR_LCK
0x00
CROSS_
CNT1
22
N/A
N/A
N/A
DIR_P
CLKP_
OFFSET[3]
CLKP_
OFFSET[2]
CLKP_
OFFSET[1]
CLKP_
OFFSET[0]
0x00
CROSS_
CNT2
23
N/A
N/A
N/A
DIR_N
CLKN_
OFFSET[3]
CLKN_
OFFSET[2]
CLKN_
OFFSET[1]
CLKN_
OFFSET[0]
0x00
PHS_
DET
24
N/A
N/A
CMP_BST
PHS_DET
AUTO_EN
Bias[3]
Bias[2]
Bias[1]
Bias[0]
0x00
MU_
DUTY
25
MU_
DUTYAUTO_EN
POS/NEG
ADJ[5]
ADJ[4]
ADJ[3]
ADJ[2]
ADJ[1]
ADJ[0]
0x00
MU_
CNT1
26
N/A
Slope
Mode[1]
Mode[0]
Read
Gain[1]
Gain[0]
Enable
0x42
MU_
CNT2
27
MUDEL[0]
SRCH_MODE
[1]
SRCH_MODE
[0]
SET_PHS[4]
SET_PHS[3]
SET_PHS[2]
SET_PHS[1]
SETPHS[0]
0x40
MU_
CNT3
28
MUDEL[8]
MUDEL[7]
MUDEL[6]
MUDEL[5]
MUDEL[4]
MUDEL[3]
MUDEL[2]
MUDEL[1]
0x00
MU_
CNT4
29
SEARCH_TOL
Retry
CONTRST
Guard[4]
Guard[3]
Guard[2]
Guard[1]
Guard[0]
0x0B
MU_
STAT1
2A
N/A
N/A
N/A
N/A
N/A
N/A
MU_LOST
MU_LKD
0x00
RSVD
2B
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
RSVD
2C
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
ANA_
CNT1
32
HDRM[7]
HDRM[6]
HDRM[5]
HDRM[4]
HDRM[3]
HDRM[2]
HDRM[1]
HDRM[0]
0xCA
ANA_
CNT2
33
N/A
N/A
N/A
N/A
N/A
N/A
MSEL[1]
MSEL[0]
0x03
RSVD
34
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
PART ID
35
ID[7]
ID[6]
ID[5]
ID[4]
ID[3]
ID[2]
ID[1]
ID[0]
0x20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com