Electronic Components Datasheet Search
  English  ▼

X  

AD9739BBCRL Datasheet(PDF) 8 Page - Analog Devices

Part # AD9739BBCRL
Description  14-Bit, 2.5 GSPS, RF Digital-to-Analog Converter
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9739BBCRL Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9739BBCRL Datasheet HTML 4Page - Analog Devices AD9739BBCRL Datasheet HTML 5Page - Analog Devices AD9739BBCRL Datasheet HTML 6Page - Analog Devices AD9739BBCRL Datasheet HTML 7Page - Analog Devices AD9739BBCRL Datasheet HTML 8Page - Analog Devices AD9739BBCRL Datasheet HTML 9Page - Analog Devices AD9739BBCRL Datasheet HTML 10Page - Analog Devices AD9739BBCRL Datasheet HTML 11Page - Analog Devices AD9739BBCRL Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 50 page
background image
AD9739
Data Sheet
Rev. E | Page 8 of 50
AC SPECIFICATIONS
VDDA = VDD33 = 3.3 V, VDDC = VDD = 1.8 V, I
OUTFS = 20 mA, fDAC = 2400 MSPS.
Table 4.
Parameter
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
DAC Clock Rate
800
2500
MSPS
Adjusted DAC Update Rate1
800
2500
MSPS
Output Settling Time (t
st) to 0.1%
13
ns
SPURIOUS-FREE DYNAMIC RANGE (SFDR)
f
OUT = 100 MHz
69.5
dBc
f
OUT = 350 MHz
58.5
dBc
f
OUT = 550 MHz
54
dBc
f
OUT = 950 MHz
60
dBc
TWO-TONE INTERMODULATION DISTORTION (IMD), f
OUT2 = fOUT1 + 1.25 MHz
f
OUT = 100 MHz
94
dBc
f
OUT = 350 MHz
78
dBc
f
OUT = 550 MHz
72
dBc
f
OUT = 950 MHz
68
dBc
NOISE SPECTRAL DENSITY (NSD), 0 dBFS SINGLE TONE
f
OUT = 100 MHz
−166
dBm/Hz
f
OUT = 350 MHz
−161
dBm/Hz
f
OUT = 550 MHz
−160
dBm/Hz
f
OUT = 850 MHz
−160
dBm/Hz
WCDMA ACLR (SINGLE CARRIER), ADJACENT/ALTERNATE ADJACENT CHANNEL
f
DAC = 2457.6 MSPS fOUT = 350 MHz
80/80
dBc
f
DAC = 2457.6 MSPS, fOUT = 950 MHz
78/79
dBc
f
DAC = 2457.6 MSPS, fOUT = 1700 MHz (Mix Mode)
74/74
dBc
f
DAC = 2457.6 MSPS, fOUT = 2100 MHz (Mix Mode)
69/72
dBc
1 Adjusted DAC updated rate is calculated as f
DAC divided by the minimum required interpolation factor. For the AD9739, the minimum interpolation factor is 1. Thus,
with f
DAC = 2500 MSPS, fDAC adjusted = 2500 MSPS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com