Electronic Components Datasheet Search
  English  ▼

X  

UB2012 Datasheet(PDF) 6 Page - Unisonic Technologies

Part # UB2012
Description  ADVANCED LINEAR CHARGE MANAGEMENT IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UB2012 Datasheet(HTML) 6 Page - Unisonic Technologies

Back Button UB2012_17 Datasheet HTML 2Page - Unisonic Technologies UB2012_17 Datasheet HTML 3Page - Unisonic Technologies UB2012_17 Datasheet HTML 4Page - Unisonic Technologies UB2012_17 Datasheet HTML 5Page - Unisonic Technologies UB2012_17 Datasheet HTML 6Page - Unisonic Technologies UB2012_17 Datasheet HTML 7Page - Unisonic Technologies UB2012_17 Datasheet HTML 8Page - Unisonic Technologies UB2012_17 Datasheet HTML 9Page - Unisonic Technologies UB2012_17 Datasheet HTML 10Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
UB2012
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
6 of 17
www.unisonic.com.tw
QW-R121-018 .G
TYPICAL APPLICATION CIRCUIT
UB2012
GND
C2
10μF
VSS
VCC
SNS
CC
BAT
STAT
TS
COMP
R1
1kΩ
RSNS
0.2Ω
DC+
Q1
2SB1151
VCC
C1
10μF
VCC
RT1
TEMP
PACK-
PACK+
RT2
R2
2kΩ
D2
Battery
Pack
NTC
Fig. 1 0.5A Low Dropout Li-Lon/Li-Pol Charger
D1
FUNCTIONAL DESCRIPTION
The UTC UB2012 is designed for the applications of single or two-cell Li-Ion or Li-Pol batteries. Fig. 1 is the
schematic of using this advanced linear charge controller with a PNP pass transistor. Fig. 2 is the operation flowchart
of UTC UB2012. Fig. 3 shows the typical charge profile. Fig. 4 is the application schematic of a charger using
P-channel MOSFET.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com