Electronic Components Datasheet Search
  English  ▼

X  

UB2012 Datasheet(PDF) 8 Page - Unisonic Technologies

Part # UB2012
Description  ADVANCED LINEAR CHARGE MANAGEMENT IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UB2012 Datasheet(HTML) 8 Page - Unisonic Technologies

Back Button UB2012_17 Datasheet HTML 4Page - Unisonic Technologies UB2012_17 Datasheet HTML 5Page - Unisonic Technologies UB2012_17 Datasheet HTML 6Page - Unisonic Technologies UB2012_17 Datasheet HTML 7Page - Unisonic Technologies UB2012_17 Datasheet HTML 8Page - Unisonic Technologies UB2012_17 Datasheet HTML 9Page - Unisonic Technologies UB2012_17 Datasheet HTML 10Page - Unisonic Technologies UB2012_17 Datasheet HTML 11Page - Unisonic Technologies UB2012_17 Datasheet HTML 12Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
UB2012
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
8 of 17
www.unisonic.com.tw
QW-R121-018 .G
APPLICATION INFORMATION(Cont.)
Fig. 3 Typical Charge Profile
Preconditionin
g Phase
Current Regulation
Phase
Voltage Regulation and
Charge Termination Phase
Regulation Current
Regulation Voltage
Minimum Charge
Voltage
Preconditioning
and Taper Detect
QUALIFICATION AND PRECHARGE
When the battery is present and power is applied, the UTC UB2012 starts a charge-cycle. Charge qualification
is affected by battery temperature and voltage. If the battery temperature is out of the VTS1 to VTS2 range; the UTC
UB2012
will suspend charge. In addition, if the battery voltage is below the precharge threshold V(MIN), the UTC
UB2012
uses precharge to condition the battery. The conditioning charge rate I(PRECHG) is set at approximately 10%
of the regulation current, and the conditioning current minimizes heat dissipation in the external pass-element during
the beginning of charge, refer to Fig. 3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com