Electronic Components Datasheet Search
  English  ▼

X  

UB2012 Datasheet(PDF) 12 Page - Unisonic Technologies

Part # UB2012
Description  ADVANCED LINEAR CHARGE MANAGEMENT IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UB2012 Datasheet(HTML) 12 Page - Unisonic Technologies

Back Button UB2012_17 Datasheet HTML 8Page - Unisonic Technologies UB2012_17 Datasheet HTML 9Page - Unisonic Technologies UB2012_17 Datasheet HTML 10Page - Unisonic Technologies UB2012_17 Datasheet HTML 11Page - Unisonic Technologies UB2012_17 Datasheet HTML 12Page - Unisonic Technologies UB2012_17 Datasheet HTML 13Page - Unisonic Technologies UB2012_17 Datasheet HTML 14Page - Unisonic Technologies UB2012_17 Datasheet HTML 15Page - Unisonic Technologies UB2012_17 Datasheet HTML 16Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
UB2012
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
12 of 17
www.unisonic.com.tw
QW-R121-018 .G
APPLICATION INFORMATION(Cont.)
CHARGE INHIBIT FUNCTION
The TS pin can be used as charge-inhibit input. The user can inhibit charge by connecting the TS pin to VCC or
VSS (or any level outside the V(TS1) to V(TS2) thresholds). Applying a voltage between the V(TS1) and V(TS2) thresholds
to pin TS returns the charger to normal operation.
CHARGE STATUS INDICATION
The UTC UB2012 reports the status of the charger on the 3-state STAT pin. The following table summarized the
operation of the STAT pin.
CONDITION
STAT PIN
Battery conditioning and charging
High
Charge complete (Done)
Low
Temperature fault or sleep mode
Hi-Z
The STAT pin can be used to drive a single LED (Figure 1), dual-chip LEDs (Fig. 4) or for interface to a host or
system processor (Fig. 11). When interfacing the UTC UB2012 to a processor, the user can use an output port, as
shown in Figure 11, to recognize the high-Z state of the STAT pin. In this configuration, the user needs to read the
input pin, toggle the output port and read the STAT pin again. In a high-Z condition, the input port always matches
the signal level on the output port.
UTC
UB2012
SNS
BAT
VCC
TS
STAT
VSS
CC
COMP
OUT
IN
Host
Processor
Figure 9 Interfacing the UTC UB2012 to a Host Processor
LOW-POWER SLEEP MODE
The UTC UB2012 enters the sleep mode if the VCC falls below the voltage at the BAT input. This feature
prevents draining the battery pack during the absence of VCC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com