Electronic Components Datasheet Search
  English  ▼

X  

US210AD Datasheet(PDF) 2 Page - Unisonic Technologies

Part # US210AD
Description  PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US210AD Datasheet(HTML) 2 Page - Unisonic Technologies

  US210AD Datasheet HTML 1Page - Unisonic Technologies US210AD Datasheet HTML 2Page - Unisonic Technologies US210AD Datasheet HTML 3Page - Unisonic Technologies US210AD Datasheet HTML 4Page - Unisonic Technologies US210AD Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
US210AD
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 5
www.unisonic.com.tw
QW-R129-032.a
MARKING
PIN CONFIGURATION
12
3
54
OUT
GND SET
IN
ON/ON
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1
OUT
Power-switch output.
2
GND
Ground connection; connect externally to Power PAD
3
SET
External resistor used to set current-limit threshold; recommended 6.8kΩ
4
ON/ ON
Enable input, logic high turns on power switch
5
IN
Power Input.
BLOCK DIAGRAM
IN
SET
ON/ON
GND
OUT
UVLO
OTP
+
-
Reverse Blocking
Current Limit & Soft Start
Reference



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com