Electronic Components Datasheet Search
  English  ▼

X  

US210AD Datasheet(PDF) 3 Page - Unisonic Technologies

Part # US210AD
Description  PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US210AD Datasheet(HTML) 3 Page - Unisonic Technologies

  US210AD Datasheet HTML 1Page - Unisonic Technologies US210AD Datasheet HTML 2Page - Unisonic Technologies US210AD Datasheet HTML 3Page - Unisonic Technologies US210AD Datasheet HTML 4Page - Unisonic Technologies US210AD Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
US210AD
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R129-032.a
ABSOLUTE MAXIMUM RATING
over operating free-air temperature range unless otherwise noted (Note)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VIN
-0.3 ~ 6
V
Enable Input Voltage
VON
-0.3 ~ 6
V
SET Voltage
VSET
-0.3 ~ 6
V
Output Voltage
VOUT
-0.3 ~ 6
V
Output Current
IOUT
Internally Limited
A
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-65 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
°C/W
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Supply Voltage
VIN
2.7
5.5
V
Enable Voltage
V/EN
5.5
V
Continuous Output Current, OUT
IOUT
1.0
A
Operating Virtual Junction Temperature
TJ
-40
+125
°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com