Electronic Components Datasheet Search
  English  ▼

X  

US210AD Datasheet(PDF) 4 Page - Unisonic Technologies

Part # US210AD
Description  PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US210AD Datasheet(HTML) 4 Page - Unisonic Technologies

  US210AD Datasheet HTML 1Page - Unisonic Technologies US210AD Datasheet HTML 2Page - Unisonic Technologies US210AD Datasheet HTML 3Page - Unisonic Technologies US210AD Datasheet HTML 4Page - Unisonic Technologies US210AD Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
US210AD
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R129-032.a
ELECTRICAL CHARACTERISTICS
(VIN=5V, TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER SUPPLY
Supply Voltage
VIN
2.7
5.5
V
Quiescent Current
ION
IN = 5 V, ON/ON = Active, IOUT = 0 A
25
45
µA
Shutdown Current
IOFF
IN = 5 V, ON/ON = Inactive
1
µA
Switch Off Current
IO_LEAK
IN = 5 V, ON/ON = Inactive,
VOUT = 0V
1
µA
POWER SWITCH
IN=5V
160
mΩ
Static Drain-Source On-State
Resistance
RDS(on)
IN=3V
190
mΩ
ENABLE INPUT ON OR
ON
Enable Pin Turn On/Off Threshold
VON
IN=2.7V to 5.5V
0.8
2.0
V
Input Current
ION
VON=0V or 5.5V
±1
µA
Turn On Time
TON
65
200
µs
Turn Off Time
TOFF
IN=5V, RL=10Ω
11
21
µs
CURRENT LIMIT
Current-Limit Threshold
IOS
RSET=6.8kΩ
0.85
1.1
1.35
A
UNDERVOLTAGE LOCKOUT
Low-Level Input Voltage, IN
UVLO VIN Rising
2.3
2.65
V
Hysteresis, IN
200
mV



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com