Electronic Components Datasheet Search
  English  ▼

X  

LM2746 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2746
Description  Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2746 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM2746 Datasheet HTML 1Page - National Semiconductor (TI) LM2746 Datasheet HTML 2Page - National Semiconductor (TI) LM2746 Datasheet HTML 3Page - National Semiconductor (TI) LM2746 Datasheet HTML 4Page - National Semiconductor (TI) LM2746 Datasheet HTML 5Page - National Semiconductor (TI) LM2746 Datasheet HTML 6Page - National Semiconductor (TI) LM2746 Datasheet HTML 7Page - National Semiconductor (TI) LM2746 Datasheet HTML 8Page - National Semiconductor (TI) LM2746 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LM2746
Low Voltage N-Channel MOSFET Synchronous Buck
Regulator Controller
General Description
The LM2746 is a high-speed synchronous buck regulator
controller with a feedback voltage accuracy of ±1%. It can
provide simple down conversion to output voltages as low as
0.6V. Though the control sections of the IC are rated for 3 to
5.5V, the driver sections are designed to accept input supply
rails as high as 16V. The use of non-overlapping MOSFET
gate drivers helps avoid potential shoot-through problems
while maintaining high efficiency. The IC is designed for the
more cost-effective option of driving only N-channel MOS-
FETs in both the high-side and low-side positions. It senses
the low-side switch voltage drop for providing a simple,
adjustable current limit.
The fixed-frequency voltage-mode PWM control architecture
is adjustable from 50 kHz to 1 MHz with one external resis-
tor. This wide range of switching frequency gives the power
supply designer the flexibility to make better tradeoffs be-
tween component size, cost and efficiency.
Features include soft-start, input undervoltage lockout
(UVLO) and Power Good (based on both undervoltage and
overvoltage detection). In addition, the shutdown pin of the
IC can be used for providing startup delay, and the soft-start
pin can be used for implementing precise tracking, for the
purpose of sequencing with respect to an external rail.
Features
n
Power stage input voltage from 1V to 16V
n
Control stage input voltage from 3V to 5.5V
n
Output voltage adjustable down to 0.6V
n
Power good flag and shutdown
n
Output overvoltage and undervoltage detection
n ±
1% feedback voltage accuracy over temperature
n
Low-side adjustable current sensing
n
Adjustable soft-start
n
Tracking and sequencing with shutdown and soft start
pins
n
Switching frequency from 50 kHz to 1 MHz
n
Exposed pad TSSOP-14 package
Applications
n
Cable Modem, DSL and ADSL
n
Laser Jet and Ink Jet Printers
n
Low Voltage Power Modules
n
DSP, ASIC, Core and I/O
Typical Application
20147701
May 2005
© 2005 National Semiconductor Corporation
DS201477
www.national.com


Similar Part No. - LM2746

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM27402 NSC-LM27402 Datasheet
670Kb / 32P
High Performance Synchronous Buck Controller with DCR Current Sensing
LM27402 NSC-LM27402 Datasheet
167Kb / 4P
Current Limit Application Circuits Application Circuits
logo
Texas Instruments
LM27402 TI-LM27402 Datasheet
2Mb / 48P
LM27402 High-Performance Synchronous Buck Controller With DCR Current Sensing
logo
National Semiconductor ...
LM27402MH NSC-LM27402MH Datasheet
670Kb / 32P
High Performance Synchronous Buck Controller with DCR Current Sensing
logo
Texas Instruments
LM27402MH/NOPB TI-LM27402MH/NOPB Datasheet
2Mb / 48P
LM27402 High-Performance Synchronous Buck Controller With DCR Current Sensing
More results

Similar Description - LM2746

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2744 NSC-LM2744 Datasheet
663Kb / 22P
Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller with External Reference
logo
Winbond
W83320S WINBOND-W83320S Datasheet
506Kb / 18P
N-Channel FET Synchronous Buck Regulator Controller
W83321S WINBOND-W83321S Datasheet
795Kb / 18P
N-Channel FET Synchronous Buck Regulator Controller
logo
Texas Instruments
LM2743MTCX TI-LM2743MTCX Datasheet
1Mb / 37P
LM2743 Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller
LM2743 TI1-LM2743_14 Datasheet
1Mb / 37P
Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller
LM2744 TI1-LM2744 Datasheet
1Mb / 32P
Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller with External Reference
LM2743 TI-LM2743_15 Datasheet
1Mb / 41P
LM2743 Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller
LM2744 TI-LM2744_15 Datasheet
1Mb / 33P
Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller with External Reference
LM2743 TI1-LM2743 Datasheet
1Mb / 41P
LM2743 Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller
logo
Nuvoton Technology Corp...
W83320G NUVOTON-W83320G Datasheet
422Kb / 20P
N-Channel FET Synchronous Buck Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com