Electronic Components Datasheet Search
  English  ▼

X  

LM2746 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2746
Description  Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2746 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LM2746 Datasheet HTML 8Page - National Semiconductor (TI) LM2746 Datasheet HTML 9Page - National Semiconductor (TI) LM2746 Datasheet HTML 10Page - National Semiconductor (TI) LM2746 Datasheet HTML 11Page - National Semiconductor (TI) LM2746 Datasheet HTML 12Page - National Semiconductor (TI) LM2746 Datasheet HTML 13Page - National Semiconductor (TI) LM2746 Datasheet HTML 14Page - National Semiconductor (TI) LM2746 Datasheet HTML 15Page - National Semiconductor (TI) LM2746 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
Application Information (Continued)
too (both drivers are ground referenced, i.e. no floating
driver). To fully turn the top MOSFET on, the BOOT voltage
must be at least one gate threshold greater than V
IN when
the high-side drive goes high. This bootstrap voltage is
usually supplied from a local charge pump structure. But
looking at the Typical Application schematic, this also means
that the difference voltage V
CC -VD1, which is the voltage the
bootstrap capacitor charges up to, must be always greater
than the maximum tolerance limit of the threshold voltage of
the upper MOSFET. Here V
D1 is the forward voltage drop
across the bootstrap diode D1. This therefore may place
restrictions on the minimum input voltage and/or type of
MOSFET used.
Two things must be kept in mind here. First, the BOOT pin
has an absolute maximum rating of 21V. Since the bootstrap
capacitor is connected to the SW node, the peak voltage
impressed on the BOOT pin is the sum of the input voltage
(V
IN) plus the voltage across the bootstrap capacitor (ignor-
ing any forward drop across the bootstrap diode). The boot-
strap capacitor is charged up by a given rail (called
V
BOOT_DC here) whenever the upper MOSFET turns off. This
rail can be the same as V
CC or it can be any external
ground-referenced DC rail. But care has to be exercised
when choosing this bootstrap DC rail that the BOOT pin is
not damaged. For example, if the desired maximum V
IN is
16V, and V
BOOT_DC is chosen to be the same as VCC, then
clearly if the V
CC rail is 5.5V, the peak voltage on the BOOT
pin is 16V + 5.5V = 21.5V. This is unacceptable, as it is in
excess of the rating of the BOOT pin. A V
CC of 3V would be
acceptable in this case. Or the V
IN range must be reduced
accordingly. There is also the option of deriving the bootstrap
DC rail from another 3V external rail, independent of V
CC.
The second thing to be kept in mind here is that the output of
the low-side driver swings between the bootstrap DC rail
level of V
BOOT_DC and Ground, whereas the output of the
high-side driver swings between V
IN+VBOOT_DC
and
Ground. To keep the high-side MOSFET fully on when de-
sired, the Gate pin voltage of the MOSFET must be higher
than its instantaneous Source pin voltage by an amount
equal to the ’Miller plateau’. It can be shown that this plateau
is equal to the threshold voltage of the chosen MOSFET plus
a small amount equal to Io/g. Here Io is the maximum load
current of the application, and g is the transconductance of
this MOSFET (typically about 100 for logic-level devices).
That means we must choose V
BOOT_DC to at least exceed
the Miller plateau level. This may therefore affect the choice
of the threshold voltage of the external MOSFETs, and that
in turn may depend on the chosen V
BOOT_DC rail.
So far, in the discussion above, the forward drop across the
bootstrap diode has been ignored. But since that does affect
the output of the driver, it is a good idea to include this drop
in the following examples. Looking at the Typical Application
schematic, this means that the difference voltage V
CC -VD1,
which is the voltage the bootstrap capacitor charges up to,
must always be greater than the maximum tolerance limit of
the threshold voltage of the upper MOSFET. Here V
D1 is the
forward voltage drop across the bootstrap diode D1. This
may place restrictions on the minimum input voltage and/or
type of MOSFET used.
The basic bootstrap pump circuit can be built using one
Schottky diode and a small capacitor, as shown in Figure 7.
The capacitor C
BOOT serves to maintain enough voltage
between the top MOSFET gate and source to control the
device even when the top MOSFET is on and its source has
risen up to the input voltage level. The charge pump circuitry
is fed from V
CC, which can operate over a range from 3.0V to
6.0V. Using this basic method the voltage applied to the
gates of both high-side and low-side MOSFETs is V
CC -VD.
This method works well when V
CC is 5V±10%, because the
gate drives will get at least 4.0V of drive voltage during the
worst case of V
CC-MIN = 4.5V and VD-MAX = 0.5V. Logic level
MOSFETs generally specify their on-resistance at V
GS =
4.5V. When V
CC = 3.3V±10%, the gate drive at worst case
could go as low as 2.5V. Logic level MOSFETs are not
guaranteed to turn on, or may have much higher on-
resistance at 2.5V. Sub-logic level MOSFETs, usually speci-
fied at V
GS = 2.5V, will work, but are more expensive, and
tend to have higher on-resistance. The circuit in Figure 7
works well for input voltages ranging from 1V up to 16V and
V
CC =5V ±10%, because the drive voltage depends only on
V
CC.
Note that the LM2746 can be paired with a low cost linear
regulator like the LM78L05 to run from a single input rail
between 6.0 and 16V. The 5V output of the linear regulator
powers both the V
CC and the bootstrap circuit, providing
efficient drive for logic level MOSFETs. An example of this
circuit is shown in Figure 8.
20147712
FIGURE 7. Basic Charge Pump (Bootstrap)
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com