Electronic Components Datasheet Search
  English  ▼

X  

MX7839AS Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MX7839AS
Description  Octal, 13-Bit Voltage-Output DAC with Parallel Interface
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MX7839AS Datasheet(HTML) 1 Page - Maxim Integrated Products

  MX7839AS Datasheet HTML 1Page - Maxim Integrated Products MX7839AS Datasheet HTML 2Page - Maxim Integrated Products MX7839AS Datasheet HTML 3Page - Maxim Integrated Products MX7839AS Datasheet HTML 4Page - Maxim Integrated Products MX7839AS Datasheet HTML 5Page - Maxim Integrated Products MX7839AS Datasheet HTML 6Page - Maxim Integrated Products MX7839AS Datasheet HTML 7Page - Maxim Integrated Products MX7839AS Datasheet HTML 8Page - Maxim Integrated Products MX7839AS Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
For pricing delivery, and ordering information please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
General Description
The MX7839 contains eight 13-bit, voltage-output digital-
to-analog converters (DACs). On-chip precision output
amplifiers provide the voltage outputs. The device oper-
ates from ±15V supplies. Its bipolar output voltage swing
is ±10V and is achieved with no external components.
The MX7839 has three pairs of differential reference
inputs; two of these pairs are connected to two DACs
each, and a third pair is connected to four DACs. The
references are independently controlled, providing differ-
ent full-scale output voltages to the respective DACs.
The MX7839 features double-buffered interface logic
with a 13-bit parallel data bus. Each DAC has an input
latch and a DAC latch. Data in the DAC latch sets the
output voltage. The eight input latches are addressed
with three address lines. Data is loaded to the input
latch with a single write instruction. An asynchronous
load input (LDAC) transfers data from the input latch to
the DAC latch. The LDAC input controls all DACs;
therefore, all DACs can be updated simultaneously by
asserting LDAC.
An asynchronous CLR input sets the output of all eight
DACs to the respective DUTGND input of the op amp.
Note that CLR is a CMOS input, which is powered by
VDD. All other logic inputs are TTL/CMOS compatible.
The MX7839 is pin-for-pin compatible with AD7839.
Applications
Automatic Test Equipment (ATE)
Industrial Process Controls
Arbitrary Function Generators
Avionics Equipment
Minimum Component Count Analog Systems
Digital Offset/Gain Adjustment
SONET Applications
Features
o Full 13-Bit Performance without Adjustments
o Eight DACs in a Single Package
o Buffered Voltage Outputs
o Unipolar or Bipolar Voltage Swing to ±10V
o 31µs Output Settling Time
o Low Power Consumption: 8mA (typ)
o Small 44-Pin MQFP Package
o Double-Buffered Digital Inputs
o Asynchronous Load Updates All DACs
Simultaneously
o Asynchronous CLR Forces All DACs to
DUTGND_ _ Potential
Octal, 13-Bit Voltage-Output DAC
with Parallel Interface
________________________________________________________________ Maxim Integrated Products
1
DUTGNDGH
OUTH
REFGH-
REFGH+
VSS
CLR
DB12
DB11
DB10
DB9
DB8
DUTGNDAB
OUTA
REFAB-
REFAB+
VDD
VSS
LDAC
A2
A1
A0
CS
1
2
3
4
5
6
7
8
9
10
11
33
32
31
30
29
28
27
26
25
24
23
MQFP
MX7839
TOP VIEW
19-2952; Rev 0; 7/03
Functional Diagram appears at end of data sheet.
Pin Configuration
Ordering Information
PART
TEMP RANGE
PIN-PACKAGE
INL
(LSB)
MX7839AS
-40°C to +85°C
44 MQFP
±2


Similar Part No. - MX7839AS

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MX7837 MAXIM-MX7837 Datasheet
168Kb / 12P
Complete, Dual, 12-Bit Multiplying DACs
19-0158; Rev 0; 7/93
MX7837AN MAXIM-MX7837AN Datasheet
168Kb / 12P
Complete, Dual, 12-Bit Multiplying DACs
19-0158; Rev 0; 7/93
MX7837AQ MAXIM-MX7837AQ Datasheet
168Kb / 12P
Complete, Dual, 12-Bit Multiplying DACs
19-0158; Rev 0; 7/93
MX7837AR MAXIM-MX7837AR Datasheet
168Kb / 12P
Complete, Dual, 12-Bit Multiplying DACs
19-0158; Rev 0; 7/93
MX7837BN MAXIM-MX7837BN Datasheet
168Kb / 12P
Complete, Dual, 12-Bit Multiplying DACs
19-0158; Rev 0; 7/93
More results

Similar Description - MX7839AS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7839 AD-AD7839 Datasheet
153Kb / 12P
Octal 13-Bit, Parallel Input, Voltage-Output DAC
REV.0
logo
Fairchild Semiconductor
SPT5400 FAIRCHILD-SPT5400 Datasheet
73Kb / 8P
13-BIT, OCTAL VOLTAGE-OUTPUT DAC WITH PARALLEL INTERFACE
logo
Maxim Integrated Produc...
MAX5270 MAXIM-MAX5270 Datasheet
251Kb / 13P
Octal, 13-Bit Voltage-Output DAC with Parallel Interface
Rev 1; 1/01
MAX547 MAXIM-MAX547 Datasheet
230Kb / 16P
Octal, 13-Bit Voltage-Output DAC with Parallel Interface
Rev 3; 12/95
MAX5839 MAXIM-MAX5839 Datasheet
211Kb / 16P
Octal, 13-Bit Voltage-Output DAC with Parallel Interface
Rev 0; 1/00
MAX7841 MAXIM-MAX7841 Datasheet
326Kb / 14P
Octal, 14-Bit Voltage-Output DAC with Parallel Interface
Rev 0; 7/03
MAX5264 MAXIM-MAX5264 Datasheet
451Kb / 16P
Octal, 14-Bit Voltage-Output DAC with Parallel Interface for ATE
Rev 0; 5/00
logo
Cadeka Microcircuits LL...
SPT5400 CADEKA-SPT5400 Datasheet
156Kb / 8P
13-BIT, OCTAL VOLTAGE-OUTPUT DAC WITH PARALLEL INTERFACE
logo
Analog Devices
AD7839ASZ AD-AD7839ASZ Datasheet
157Kb / 12P
Octal 13-Bit, Parallel Input, Voltage-Output DAC
REV. 0
AD7839 AD-AD7839_15 Datasheet
157Kb / 12P
Octal 13-Bit, Parallel Input, Voltage-Output DAC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com