Electronic Components Datasheet Search
  English  ▼

X  

MX7839AS Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MX7839AS
Description  Octal, 13-Bit Voltage-Output DAC with Parallel Interface
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MX7839AS Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MX7839AS Datasheet HTML 6Page - Maxim Integrated Products MX7839AS Datasheet HTML 7Page - Maxim Integrated Products MX7839AS Datasheet HTML 8Page - Maxim Integrated Products MX7839AS Datasheet HTML 9Page - Maxim Integrated Products MX7839AS Datasheet HTML 10Page - Maxim Integrated Products MX7839AS Datasheet HTML 11Page - Maxim Integrated Products MX7839AS Datasheet HTML 12Page - Maxim Integrated Products MX7839AS Datasheet HTML 13Page - Maxim Integrated Products MX7839AS Datasheet HTML 14Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Output Voltage Range
For typical operation, connect DUTGND to signal ground,
VREF+ to +5V, and VREF- to -5V. Table 3 shows the rela-
tionship between digital code and output voltage.
The DAC digital code controls each leg of the 13-bit
R-2R ladder. A code of 0x0 connects all legs of the lad-
der to REF-, corresponding to a DAC output voltage
(VDAC) equal to REF-. A code of 0x1FFF connects all
legs of the ladder to REF+, corresponding to a VDAC
approximately equal to REF+.
The output amplifier multiplies VDAC by 2, yielding an out-
put voltage range of 2 ✕ REF- to 2 ✕ REF+ (Figure 1).
Further manipulation of the output voltage span is accom-
plished by offsetting DUTGND. The output voltage of the
MX7839 is described by the following equation:
where DATA is the numeric value of the DAC’s binary
input code, and DATA ranges from 0 to 8191
(213 - 1). The resolution of the MX7839, defined as
1 LSB, is described by the following equation:
Reference Selection
Because the MX7839 has precision buffers on its refer-
ence inputs, the requirements for interfacing to these
inputs are minimal. Select a low-drift, low-noise refer-
ence within the recommended REF+ and REF- voltage
ranges. The MX7839 does not require bypass capaci-
tors on its reference inputs. Add capacitors only if the
reference voltage source requires them to meet system
specifications.
Minimizing Output Glitch
The MX7839’s internal deglitch circuitry is enabled on
the falling edge of LDAC. Therefore, to achieve opti-
mum performance, drive LDAC low after the inputs are
either latched or steady state. This is best accom-
plished by having the falling edge of LDAC occur at
least 50ns after the rising edge of CS.
Power Supplies, Grounding,
and Bypassing
For optimum performance, use a multilayer PC board
with an unbroken analog ground. For normal operation,
connect the four DUTGND pins directly to the ground
plane. Avoid sharing the connections of these sensitive
pins with other ground traces.
As with any sensitive data-acquisition system, connect
the digital and analog ground planes together at a sin-
gle point, preferably directly underneath the MX7839.
Avoid routing digital signals underneath the MX7839 to
minimize their coupling into the IC.
For normal operation, bypass VDD and VSS with 0.1µF
ceramic chip capacitors to the analog ground plane. To
enhance transient response and capacitive drive capa-
bility, add 10µF tantalum capacitors in parallel with the
ceramic capacitors. Note, however, that the MX7839
does not require the additional capacitance for stability.
Bypass VCC with a 0.1µF ceramic chip capacitor to the
digital ground plane.
LSB
REF
REF
=
+−
−
()
2
2
13
V
2 V
V
DATA
2
V
V
OUT
REF
REF
13
REF
DUTGND
=−
()
+
−
+−
−
Octal, 13-Bit Voltage-Output DAC
with Parallel Interface
______________________________________________________________________________________
11
Note: Output voltage is based on REF+ = +5V, REF- = -5V, and
DUTGND = 0V.
Table 3. Analog Voltage vs. Digital Code
INPUT CODE
OUTPUT
VOLTAGE (V)
1 1111 1111 1111
+9.997558
1 0000 0000 0000
0
0 1001 1101 1001
-3.845215
0 0000 0000 0001
-9.997558
0 0000 0000 0000
-10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com