Electronic Components Datasheet Search
  English  ▼

X  

MX7839AS Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MX7839AS
Description  Octal, 13-Bit Voltage-Output DAC with Parallel Interface
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MX7839AS Datasheet(HTML) 2 Page - Maxim Integrated Products

  MX7839AS Datasheet HTML 1Page - Maxim Integrated Products MX7839AS Datasheet HTML 2Page - Maxim Integrated Products MX7839AS Datasheet HTML 3Page - Maxim Integrated Products MX7839AS Datasheet HTML 4Page - Maxim Integrated Products MX7839AS Datasheet HTML 5Page - Maxim Integrated Products MX7839AS Datasheet HTML 6Page - Maxim Integrated Products MX7839AS Datasheet HTML 7Page - Maxim Integrated Products MX7839AS Datasheet HTML 8Page - Maxim Integrated Products MX7839AS Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Octal, 13-Bit Voltage-Output DAC
with Parallel Interface
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VDD to GND ...........................................................-0.3V to +17V
VSS to GND ........................................................... -17V to +0.3V
VCC to GND ............................................................ -0.3V to +6V
A_, DB_, WR, CS, LDAC, CLR to GND .....+0.3V to (VCC + 0.3V)
REF_ _ _ _+, REF_ _ _ _-,
DUTGND_ _ .................................(VSS - 0.3V) to (VDD + 0.3V)
OUT_ ..........................................................................VDD to VSS
Maximum Current into REF_ _ _ _ _, DUTGND_ _ ...........±10mA
Maximum Current into Any Signal Pin ..............................±50mA
OUT_ Short-Circuit Duration to VDD, VSS, and GND ................1s
Continuous Power Dissipation (TA = +70°C)
44-Pin MQFP (derate 11.1mW/°C above +70°C).........870mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
(Note 1)
(Note 1)
(Note 1)
Guaranteed monotonic
CONDITIONS
Ω
0.5
DC Output Impedance
pF
50
Capacitive Load to GND
k
Ω
-10
+10
Output Voltage Swing
V
210
(REF_ _ _ _+) - (REF_ _ _ _-)
Range
V
-5
0
REF_ _ _ _- Input Range
V
05
REF_ _ _ _+ Input Range
µA
±1
Input Current
M
Ω
100
Input Resistance
±2
Bits
13
N
Resolution
µV
75
120
DC Crosstalk
ppm
FSR/°C
0.5
10
Gain Temperature Coefficient
LSB
±1
Gain Error
LSB
INL
Relative Accuracy
LSB
±0.9
DNL
Differential Nonlinearity
LSB
±1
±4
Full-Scale Error
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
ELECTRICAL CHARACTERISTICS
(VDD = +15V ±5%, VSS = -15V ±5%, VCC = +5V ±5%, VGND = VDUTGND_ _ = 0, VREF_ _ _ _+ = +5V, VREF_ _ _ _- = -5V, RL = 5k
Ω,
CL = 50pF, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
LSB
±2
±8
Zero-Scale Error
k
Ω
5
Resistive Load to GND
STATIC PERFORMANCE (ANALOG SECTION)
REFERENCE INPUTS
ANALOG OUTPUTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com