Electronic Components Datasheet Search
  English  ▼

X  

TMUX1104 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX1104
Description  5-V, Low-Leakage-Current, 4:1 Precision Multiplexer
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMUX1104 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TMUX1104 Datasheet HTML 12Page - Texas Instruments TMUX1104 Datasheet HTML 13Page - Texas Instruments TMUX1104 Datasheet HTML 14Page - Texas Instruments TMUX1104 Datasheet HTML 15Page - Texas Instruments TMUX1104 Datasheet HTML 16Page - Texas Instruments TMUX1104 Datasheet HTML 17Page - Texas Instruments TMUX1104 Datasheet HTML 18Page - Texas Instruments TMUX1104 Datasheet HTML 19Page - Texas Instruments TMUX1104 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
OUT
S
V
Off Isolation
20 Log
V
§
·
˜
¨
¸
©
¹
GND
NETWORK
ANALYZER
VOUT
S
D
50Q
VSIG
RL
50Q
SX
RL
50Q
VS
VDD
0.1µF
OUTPUT
CL
EN
GND
VOUT
Output
VS
0 V
VDD
QC = CL ×
VOUT
VOUT
VEN
VDD
VDD
0.1…F
A0
A1
VS
D
S2
S3
S4
VEN
16
TMUX1104
SCDS392 – NOVEMBER 2018
www.ti.com
Product Folder Links: TMUX1104
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
8.7 Charge Injection
The TMUX1104 has a transmission-gate topology. Any mismatch in capacitance between the NMOS and PMOS
transistors results in a charge injected into the drain or source during the falling or rising edge of the gate signal.
The amount of charge injected into the source or drain of the device is known as charge injection, and is denoted
by the symbol QC. Figure 7 shows the setup used to measure charge injection from source (Sx) to drain (D).
Figure 7. Charge-Injection Measurement Setup
8.8 Off Isolation
Off isolation is defined as the ratio of the signal at the drain pin (D) of the device when a signal is applied to the
source pin (Sx) of an off-channel. Figure 8 shows the setup used to measure off isolation. Use the off isolation
equation to compute off isolation.
Figure 8. Off Isolation Measurement Setup
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com