Electronic Components Datasheet Search
  English  ▼

X  

TMUX1104 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX1104
Description  5-V, Low-Leakage-Current, 4:1 Precision Multiplexer
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMUX1104 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMUX1104 Datasheet HTML 17Page - Texas Instruments TMUX1104 Datasheet HTML 18Page - Texas Instruments TMUX1104 Datasheet HTML 19Page - Texas Instruments TMUX1104 Datasheet HTML 20Page - Texas Instruments TMUX1104 Datasheet HTML 21Page - Texas Instruments TMUX1104 Datasheet HTML 22Page - Texas Instruments TMUX1104 Datasheet HTML 23Page - Texas Instruments TMUX1104 Datasheet HTML 24Page - Texas Instruments TMUX1104 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
21
TMUX1104
www.ti.com
SCDS392 – NOVEMBER 2018
Product Folder Links: TMUX1104
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
10.4 Detailed Design Procedure
The TMUX1104 can be operated without any external components except for the supply decoupling capacitors. If
the device desired power-up state is disabled, the enable pin should have a weak pull-down resistor and be
controlled by the MCU via GPIO. All inputs being muxed to the ADC must fall within the recommend operating
conditions of the TMUX1104 including signal range and continuous current. For this design with a supply of 3.3V
the signal range can be 0 V to 3.3 V and the max continuous current can be 30 mA.
The design example highlights a multiplexed, data-acquisition system for highest system linearity and fast
settling. The overall system block diagram is illustrated in Figure 13. The circuit is a multichannel, data-
acquisition signal chain consisting of an input low-pass filter, mux, mux output buffer, SAR ADC driver, and a
reference buffer. The architecture allows fast sampling of multiple channels using a single ADC, providing a low-
cost solution.
11 Power Supply Recommendations
The TMUX1104 operates across a wide supply range of 1.08 V to 5.5 V. Do not exceed the absolute maximum
ratings because stresses beyond the listed ratings can cause permanent damage to the devices.
Power-supply bypassing improves noise margin and prevents switching noise propagation from the VDD supply to
other components. Good power-supply decoupling is important to achieve optimum performance. For improved
supply noise immunity, use a supply decoupling capacitor ranging from 0.1 μF to 10 μF from VDD to ground.
Place the bypass capacitors as close to the power supply pins of the device as possible using low-impedance
connections. TI recommends using multi-layer ceramic chip capacitors (MLCCs) that offer low equivalent series
resistance (ESR) and inductance (ESL) characteristics for power-supply decoupling purposes. For very sensitive
systems, or for systems in harsh noise environments, avoiding the use of vias for connecting the capacitors to
the device pins may offer superior noise immunity. The use of multiple vias in parallel lowers the overall
inductance and is beneficial for connections to ground planes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com