Electronic Components Datasheet Search
  English  ▼

X  

TMUX1104 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX1104
Description  5-V, Low-Leakage-Current, 4:1 Precision Multiplexer
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMUX1104 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMUX1104 Datasheet HTML 9Page - Texas Instruments TMUX1104 Datasheet HTML 10Page - Texas Instruments TMUX1104 Datasheet HTML 11Page - Texas Instruments TMUX1104 Datasheet HTML 12Page - Texas Instruments TMUX1104 Datasheet HTML 13Page - Texas Instruments TMUX1104 Datasheet HTML 14Page - Texas Instruments TMUX1104 Datasheet HTML 15Page - Texas Instruments TMUX1104 Datasheet HTML 16Page - Texas Instruments TMUX1104 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
VDD
VDD
S1
S2
GND
VS
S4
D
VD
A
ID (OFF)
VDD
VDD
S1
S2
GND
VS
S4
D
VD
A
Is (OFF)
S3
S3
V
D
VS
ISD
Sx
13
TMUX1104
www.ti.com
SCDS392 – NOVEMBER 2018
Product Folder Links: TMUX1104
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
8 Parameter Measurement Information
8.1 On-Resistance
The on-resistance of a device is the ohmic resistance between the source (Sx) and drain (D) pins of the device.
The on-resistance varies with input voltage and supply voltage. The symbol RON is used to denote on-resistance.
The measurement setup used to measure RON is shown in Figure 1. Voltage (V) and current (ISD) are measured
using this setup, and RON is computed with RON = V / ISD:
Figure 1. On-Resistance Measurement Setup
8.2 Off-Leakage Current
There are two types of leakage currents associated with a switch during the off state:
1. Source off-leakage current
2. Drain off-leakage current
Source leakage current is defined as the leakage current flowing into or out of the source pin when the switch is
off. This current is denoted by the symbol IS(OFF).
Drain leakage current is defined as the leakage current flowing into or out of the drain pin when the switch is off.
This current is denoted by the symbol ID(OFF).
The setup used to measure both off-leakage currents is shown in Figure 2.
Figure 2. Off-Leakage Measurement Setup



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com