Electronic Components Datasheet Search
  English  ▼

X  

PX1002 Datasheet(PDF) 3 Page - RF Monolithics, Inc

Part # PX1002
Description  Designed for TDMA IS-54 Receiver IF Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

PX1002 Datasheet(HTML) 3 Page - RF Monolithics, Inc

  PX1002 Datasheet HTML 1Page - RF Monolithics, Inc PX1002 Datasheet HTML 2Page - RF Monolithics, Inc PX1002 Datasheet HTML 3Page - RF Monolithics, Inc PX1002 Datasheet HTML 4Page - RF Monolithics, Inc PX1002 Datasheet HTML 5Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
86.85 MHz
SAW Filter
RF Monolithics, Inc.
Phone: (972) 233-2903
Fax: (972) 387-8148
E-mail: info@rfm.com
RFM Europe
Phone: 44 1963 251383
Fax: 44 1963 251510
http://www.rfm.com
©1999 by RF Monolithics, Inc. The stylized RFM logo are registered trademarks of RF Monolithics, Inc.
PX1002 112904
Tape and Reel Specifications
Quantity Per Reel
100 Min
1000 Max
USER DIRECTION OF FEED
COMPONENT ORIENTATION and DIMENSIONS
Carrier Tape Dimensions
Ao
7.0 mm
Bo
13.8 mm
Ko
2.0 mm
Pitch
12.0 mm
W
24.0 mm
PIN #1
See Detail "A"
2.0
12.0
21.0
24.4



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com