Electronic Components Datasheet Search
  English  ▼

X  

PX1002 Datasheet(PDF) 4 Page - RF Monolithics, Inc

Part # PX1002
Description  Designed for TDMA IS-54 Receiver IF Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

PX1002 Datasheet(HTML) 4 Page - RF Monolithics, Inc

  PX1002 Datasheet HTML 1Page - RF Monolithics, Inc PX1002 Datasheet HTML 2Page - RF Monolithics, Inc PX1002 Datasheet HTML 3Page - RF Monolithics, Inc PX1002 Datasheet HTML 4Page - RF Monolithics, Inc PX1002 Datasheet HTML 5Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
86.85 MHz
SAW Filter
RF Monolithics, Inc.
Phone: (972) 233-2903
Fax: (972) 387-8148
E-mail: info@rfm.com
RFM Europe
Phone: 44 1963 251383
Fax: 44 1963 251510
http://www.rfm.com
©1999 by RF Monolithics, Inc. The stylized RFM logo are registered trademarks of RF Monolithics, Inc.
PX1002 112904
SM13365-12 Case
Case Dimensions
Dimension
mm
Inches
Min
Nom
Max
Min
Nom
Max
A
13.08
13.31
13.60
0.515
0.524
0.535
B
6.27
6.50
6.80
0.247
0.256
0.268
C
1.91
2.00
0.075
0.079
D
1.50
0.059
E
0.79
0.031
H
1.0
0.039
P
2.54
0.100
12-Terminal Ceramic Surface-Mount Case
13.3 x 6.5 mm Nominal Footprint
Materials
Solder Pad
Termination
Au plating 30 - 60 uInches (76.2-152 uM) over 80-
200 uInches (203-508 uM) Ni.
Lid
Fe-Ni-Co Alloy Electroless Nickel Plate (8-11%
Phosphorus) 100-200 uInches Thick
Body
Al2O3 Ceramic
Pb Free
Electrical Connections
Connection
Terminals
Port 1
Input or Return
2
Return or Input
3
Port 2
Output or Return
8
Return or Output
9
Ground
All others
Single Ended Operation
Return is ground
Differential Operation
Return is hot
C
H
P (8 Places)
E (10 Places)
D
B
A
4
5
6
7
1
12
11
10
3
9
8
2
TOP VIEW
BOTTOM VIEW
2
3
8
9
1
12
11
10
4
5
6
7



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com