Electronic Components Datasheet Search
  English  ▼

X  

PX1002 Datasheet(PDF) 1 Page - RF Monolithics, Inc

Part # PX1002
Description  Designed for TDMA IS-54 Receiver IF Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

PX1002 Datasheet(HTML) 1 Page - RF Monolithics, Inc

  PX1002 Datasheet HTML 1Page - RF Monolithics, Inc PX1002 Datasheet HTML 2Page - RF Monolithics, Inc PX1002 Datasheet HTML 3Page - RF Monolithics, Inc PX1002 Datasheet HTML 4Page - RF Monolithics, Inc PX1002 Datasheet HTML 5Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
®
RF Monolithics, Inc.
Phone: (972) 233-2903
Fax: (972) 387-8148
E-mail: info@rfm.com
RFM Europe
Phone: 44 1963 251383
Fax: 44 1963 251510
http://www.rfm.com
©1999 by RF Monolithics, Inc. The stylized RFM logo are registered trademarks of RF Monolithics, Inc.
PX1002 112904
Electrical Characteristics
Characteristic
Sym
Notes
Min
Typ
Max
Units
Nominal Center Frequency
fC
1
86.850
MHz
Passband
Insertion Loss at fc
IL
3
4.0
dB
3 dB Passband
BW3
1, 2
±12
±25
kHz
Amplitude Ripple over fc ±15 kHz
1.0
dBP-P
Group Delay Variation over fc ±10 kHz
GDV
6.0
µsP-P
Third-Order Intermod. for -20 dBm tones at fc ±60 & 120 kHz
-95
dBm
Rejection
fc ±60 kHz
1, 2, 3
11
16
dB
fc -880 kHz to fc -940 kHz
65
Ultimate
65
Operating Temperature Range
TA
1
-20
+70
°C
Impedance Matching to 50
Ω unbalanced
External L-C
Case Style
SM13365-12 13.3 X 6.5 mm Nominal Footprint
Lid Symbolization (YY=year, WW=week) See note 4
RFM PX1002 YYWW
SM13365-12
•
Designed for TDMA IS-54 Receiver IF Applications
•
Low Insertion Loss
•
Excellent Selectivity
•
Hermetic 13.3 X 6.5 mm Surface-Mount Case
•
Unbalanced Input and Output
•
Complies with Directive 2002/95/EC (RoHS)
Absolute Maximum Ratings
Rating
Value
Units
Maximum Incident Power in Passband
+10
dBm
Max. DC voltage between any 2 terminals
30
VDC
Storage Temperature Range
-40 to +85
°C
Suitable for lead-free soldering - Max Soldering Profile
260°C for 30 s
86.85 MHz
SAW Filter
PX1002
1.
Unless noted otherwise, all specifications apply over the operating temperature
range with filter soldered to the specified demonstration board with impedance
matching to 50
Ω and measured with 50 Ω network analyzer.
2.
Unless noted otherwise, all frequency specifications are referenced to the nom-
inal center frequency, fc.
3.
Rejection is measured as attenuation below the minimum IL point in the pass-
band. Rejection in final user application is dependent on PCB layout and exter-
nal impedance matching design. See Application Note No. 42 for details.
4.
"LRIP" or "L" after the part number indicates "low rate initial production" and
"ENG" or "E" indicates "engineering prototypes."
5.
The design, manufacturing process, and specifications of this filter are subject
to change.
6.
Either Port 1 or Port 2 may be used for either input or output in the design.
However, impedances and impedance matching may vary between Port 1 and
Port 2, so that the filter must always be installed in one direction per the circuit
design.
7.
US and international patents may apply.
8.
RFM, stylized RFM logo, and RF Monolithics, Inc. are registered trademarks of
RF Monolithics, Inc.
9.
©Copyright 1999, RF Monolithics Inc.
10.
Electrostatic Sensitive Device. Observe precautions for handling.
Notes:
Connection
Terminals
Port 1Hot
2
Port 1 Gnd Return
3
Port 2 Hot
8
Port 2 Gnd Return
9
Case Ground
All Others
Electrical Connections
Pb


Similar Part No. - PX1002

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
PX1002 MURATA-PX1002 Datasheet
93Kb / 5P
86.85 MHz SAW Filter
More results

Similar Description - PX1002

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA638 PHILIPS-SA638 Datasheet
48Kb / 5P
IS-54 IF receiver
1995 Feb 16
logo
RF Monolithics, Inc
SF2072C RFM-SF2072C Datasheet
1Mb / 7P
Designed for Broadband Receiver IF Applications
SF1140B RFM-SF1140B Datasheet
363Kb / 6P
Designed for SDARS IF Receiver
SF1140B-2 RFM-SF1140B-2 Datasheet
103Kb / 3P
Designed for SDARS IF Receiver
SF1141B RFM-SF1141B Datasheet
471Kb / 6P
Designed for SDARS IF Receiver
SF2037B-2 RFM-SF2037B-2 Datasheet
248Kb / 7P
Designed for SDARS IF Receiver
SF2037B-3 RFM-SF2037B-3 Datasheet
63Kb / 3P
Designed for SDARS IF Receiver
SF2038B-2 RFM-SF2038B-2 Datasheet
250Kb / 7P
Designed for SDARS IF Receiver
SF2040B-2 RFM-SF2040B-2 Datasheet
242Kb / 7P
Designed for SDARS IF Receiver
SF2040B-3 RFM-SF2040B-3 Datasheet
84Kb / 3P
Designed for SDARS IF Receiver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com