Electronic Components Datasheet Search
  English  ▼

X  

MSC1205 Datasheet(PDF) 7 Page - OKI electronic componets

Part # MSC1205
Description  32-Bit Duplex Controller/Driver with Digital Dimming Function
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSC1205 Datasheet(HTML) 7 Page - OKI electronic componets

Back Button MSC1205 Datasheet HTML 3Page - OKI electronic componets MSC1205 Datasheet HTML 4Page - OKI electronic componets MSC1205 Datasheet HTML 5Page - OKI electronic componets MSC1205 Datasheet HTML 6Page - OKI electronic componets MSC1205 Datasheet HTML 7Page - OKI electronic componets MSC1205 Datasheet HTML 8Page - OKI electronic componets MSC1205 Datasheet HTML 9Page - OKI electronic componets MSC1205 Datasheet HTML 10Page - OKI electronic componets MSC1205 Datasheet HTML 11Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
¡ Semiconductor
MSC1205
7/15
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Condition
Rating
Unit
Ta = 25°C
Supply Voltage
VDD
–0.3 to +20
V
Ta = 25°C
Input Voltage
VIN
–0.3 to +6.0
V
—
Storage Temperature Range
TSTG
–65 to +150
°C
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Condition
Range
Unit
—
Power Supply Voltage
VDD
8 to 18
V
—
Operating Temperature Range
Top
–40 to +85
°C
ELECTRICAL CHARACTERISTICS
DC Characteristics
Parameter
Symbol
Condition
Min.
Max.
Applicable pin
(Ta = –40 to +85˚C, VDD = 8 to 18V)
High Level Output
Voltage (1)
(Small Current Driver)
VIH
VIL
IIH1
IIH3
VI = 5V
3.8
–0.3
0.8
—
–100
Low Level Output
Voltage
VDD = 12V, IOH5 = –5.5mA
High Level Input Current
Low Level Input Current
—
—
IIL1
IIL2
–500
—
5.5
—
—
—
1
1
DATA, LOAD
CLOCK
High Level Input Voltage
Low Level Input Voltage
High Level Output
Voltage (2)
(Large Current Driver)
High Level Output
Voltage (3)
Current Consumption
IIL3
VI = 5V
VI = 0V
VI = 0V
VI = 0V
VDD = 9.5V, IOH1 = –1.3mA
VDD = 12V, IOH2 = –1.8mA
VDD = 15V, IOH3 = –2.3mA
VDD = 9.5V, IOH4 = –4.1mA
VDD = 15V, IOH6 = –7.0mA
VDD = 9.5V, IOL1 = 1mA
VOH1
VOH2
VOH3
VOH4
VOH5
VOH6
VOL1
VOH7
IDD
VDD = 9.5V, IOH7 = –0.8mA
fOSC = 512kHz, no load
VDD-0.5
VDD-0.5
VDD-0.5
VDD-0.5
VDD-0.5
VDD-0.5
—
VDD-0.5
—
1
—
—
4
—
20
500
—
—
Unit
V
V
mA
V
V
V
V
mA
mA
mA
V
V
V
V
mA
mA
TEST
DATA, LOAD
CLOCK
BLANK
TEST
SEG (2n)
n = 1-16
SEG (2n-1)
n = 1-16
SEG1-SEG32
GRID1, GRID2
GRID1, GRID2
—
–1
–1
–1
VDD = 9.5V, IOL2 = 500mA
VDD = 9.5V, IOL3 = 2mA
2
0.3
V
—
VOL2
V
—
VOL3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com