Electronic Components Datasheet Search
  English  ▼

X  

MSC1205 Datasheet(PDF) 13 Page - OKI electronic componets

Part # MSC1205
Description  32-Bit Duplex Controller/Driver with Digital Dimming Function
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSC1205 Datasheet(HTML) 13 Page - OKI electronic componets

Back Button MSC1205 Datasheet HTML 7Page - OKI electronic componets MSC1205 Datasheet HTML 8Page - OKI electronic componets MSC1205 Datasheet HTML 9Page - OKI electronic componets MSC1205 Datasheet HTML 10Page - OKI electronic componets MSC1205 Datasheet HTML 11Page - OKI electronic componets MSC1205 Datasheet HTML 12Page - OKI electronic componets MSC1205 Datasheet HTML 13Page - OKI electronic componets MSC1205 Datasheet HTML 14Page - OKI electronic componets MSC1205 Datasheet HTML 15Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
¡ Semiconductor
MSC1205
13/15
APPLICATION CIRCUIT
45
35
SEG1
SEG32
SEG2
1
2
3
DATA
CLOCK
LOAD
37
38
GRID1
GRID2
MSC1205
CPU
40
OSC
VSS
VDD
82pF
42
36
VFD
SEG1-SEG32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com