Electronic Components Datasheet Search
  English  ▼

X  

MSC1205 Datasheet(PDF) 2 Page - OKI electronic componets

Part # MSC1205
Description  32-Bit Duplex Controller/Driver with Digital Dimming Function
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSC1205 Datasheet(HTML) 2 Page - OKI electronic componets

  MSC1205 Datasheet HTML 1Page - OKI electronic componets MSC1205 Datasheet HTML 2Page - OKI electronic componets MSC1205 Datasheet HTML 3Page - OKI electronic componets MSC1205 Datasheet HTML 4Page - OKI electronic componets MSC1205 Datasheet HTML 5Page - OKI electronic componets MSC1205 Datasheet HTML 6Page - OKI electronic componets MSC1205 Datasheet HTML 7Page - OKI electronic componets MSC1205 Datasheet HTML 8Page - OKI electronic componets MSC1205 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
¡ Semiconductor
MSC1205
2/15
BLOCK DIAGRAM
GRID1
GRID2
VDD
VSS
VOLTAGE
REGU-
LATOR
SEG32 SEG31
SEG2 SEG1
DRIVER
32 bits
8 to 18V
5V
32 bits
LEVEL SHIFTER
BL
ST
MULTIPLEXER
32 bits
32 bits
LATCH
L
64 bits
LATCH
L
Q1-Q10
Q1-Q64
D Q1-Q64
(64 bits)
SHIFT REGISTER
D
(2 bits)
DATA
CLOCK
(POR)
LOAD TIMING
CONTROL
(DIMLD)
(SEGLD)
10 bits
OSC
(fosc)
R
bo
10 bits
COMPA-
RATOR
(bo)
TIMING
GENE-
RATOR
DOWN COUNTER
5V
BLANK
OSC
LOAD
TEST
LATCH
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com