Electronic Components Datasheet Search
  English  ▼

X  

MSC1209 Datasheet(PDF) 7 Page - OKI electronic componets

Part # MSC1209
Description  42-Bit Vacuum Fluorescent Display Tube Driver with Digital Dimming Function
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSC1209 Datasheet(HTML) 7 Page - OKI electronic componets

Back Button MSC1209 Datasheet HTML 3Page - OKI electronic componets MSC1209 Datasheet HTML 4Page - OKI electronic componets MSC1209 Datasheet HTML 5Page - OKI electronic componets MSC1209 Datasheet HTML 6Page - OKI electronic componets MSC1209 Datasheet HTML 7Page - OKI electronic componets MSC1209 Datasheet HTML 8Page - OKI electronic componets MSC1209 Datasheet HTML 9Page - OKI electronic componets MSC1209 Datasheet HTML 10Page - OKI electronic componets MSC1209 Datasheet HTML 11Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
¡ Semiconductor
MSC1209
7/15
ELECTRICAL CHARACTERISTICS
DC Characteristics
Symbol
VIH
Parameter
"H" Input Voltage
Condition
—
VIL
"L" Input Voltage
—
Min.
3.8
–0.3
"H" Input Current
IIH1
VDD=18.0V, VIH1=5.0V
–1.0
Max.
5.5
+0.8
+1.0
Supply Current
IDD
fOSC=512kHz, no load
—
20
Unit
V
V
m
A
mA
Applied pin
All input pins
other than BLANK
All input pins
IIH2
VDD=18.0V, VIH2=5.0V
–60
+60
m
A
BLANK
"L" Input Current
IIL1
VDD=18.0V, VIL1=0.0V
–1.0
+1.0
m
A
All input pins
other than BLANK
IIL2
VDD=18.0V, VIL2=0.0V
–500
–100
m
A
BLANK
VOH1
"H" Output Voltage
VDD=9.5V, IOH1=–2.0mA
VOH2
VDD=12.0V, IOH2=–2.5mA
VDD–0.5
VDD–0.5
—
—
V
V
VOH3
VDD=15.0V, IOH3=–3.0mA
VOH4
VDD=9.5V, IOH4=–0.8mA
VDD–0.5
VDD–0.5
—
—
V
V
VOH5
VDD=12.0V, IOH5=–1.0mA
4.0
—
V
SEL
GRID1 to 2
SEG1 to 42
VOL1
"L" Output Voltage
VDD=9.5V, IOL1=500mA
VOL2
VDD=9.5V, IOL2=200mA
—
—
4.0
2.0
V
V
VOL3
VDD=9.5V, IOL3=1.0mA
VOL4
VDD=9.5V, IOL4=500mA
—
—
4.0
2.0
V
V
VOL5
VDD=9.5V, IOL5=200mA
—
1.0
V
SEG1 to 42
VOL6
VDD=12.0V, IOL6=1.0mA
—
1.0
V
SEL
VDD–VSS
Unless otherwise specified: Ta=–40 to +105°C, VDD=8.0 to 18.0V
AC Characteristics
Parameter
Symbol
Condition
Min.
Max.
Unit
CLOCK Frequency
fC(1/tCLOCK)
—
—
1.0
MHz
CLOCK Pulse Width
tCW
—
400
—
ns
CLOCK Rise/Fall Time
tCR/tCF
—
—
300
ns
DATA Setup Time
tDS
—
200
—
ns
DATA Hold Time
tDH
—
200
—
ns
CLOCKÆ LOAD Time
tCL
—
100
—
ns
LOADÆ CLOCK Time
tLC
—
100
—
ns
LOAD Pulse Width
tLW
—
1.0
—
m
s
SEGn Rise/Fall Time
tR/tF
CL=50pF
—
1.0
m
s
SEL Rise/Fall Time
tR/tF
CL=50pF
—
1.0
m
s
VDD-DATA Input Time at VDD ON
fPDA
When mounted in a unit
300
—
m
s
VDD-Hold Time at VDD OFF
fPDF
When mounted in a unit
5.0
—
ms
(Ta=–40 to +85°C, VDD=8 to 18V)
VDD Rise Time at VDD ON
fPR2
—
100
m
s
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com