Electronic Components Datasheet Search
  English  ▼

X  

MSC1209 Datasheet(PDF) 8 Page - OKI electronic componets

Part # MSC1209
Description  42-Bit Vacuum Fluorescent Display Tube Driver with Digital Dimming Function
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSC1209 Datasheet(HTML) 8 Page - OKI electronic componets

Back Button MSC1209 Datasheet HTML 4Page - OKI electronic componets MSC1209 Datasheet HTML 5Page - OKI electronic componets MSC1209 Datasheet HTML 6Page - OKI electronic componets MSC1209 Datasheet HTML 7Page - OKI electronic componets MSC1209 Datasheet HTML 8Page - OKI electronic componets MSC1209 Datasheet HTML 9Page - OKI electronic componets MSC1209 Datasheet HTML 10Page - OKI electronic componets MSC1209 Datasheet HTML 11Page - OKI electronic componets MSC1209 Datasheet HTML 12Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
¡ Semiconductor
MSC1209
8/15
TIMING DIAGRAM
1) Data Timing
SEL
4.0V
tR tF
1.0V
SEGn, GRIDn
0.8VDD
tR tF
0.2VDD
SEL
3.8V
tLW
0.8V
tCR
tCF
tCL
tCLOCK
tLC
tCW
tCW
CLOCK
VALID
VALID
VALID
VALID
tDS
tDH
DATA
3.8V
0.8V
3.8V
0.8V
VDD
tPOF
tPRZ
0.0V
80%VDD
3.8V
0.8V
DATA
tPDA
2) Reset Timing
3) Output Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com