Electronic Components Datasheet Search
  English  ▼

X  

MSC1209 Datasheet(PDF) 11 Page - OKI electronic componets

Part # MSC1209
Description  42-Bit Vacuum Fluorescent Display Tube Driver with Digital Dimming Function
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSC1209 Datasheet(HTML) 11 Page - OKI electronic componets

Back Button MSC1209 Datasheet HTML 7Page - OKI electronic componets MSC1209 Datasheet HTML 8Page - OKI electronic componets MSC1209 Datasheet HTML 9Page - OKI electronic componets MSC1209 Datasheet HTML 10Page - OKI electronic componets MSC1209 Datasheet HTML 11Page - OKI electronic componets MSC1209 Datasheet HTML 12Page - OKI electronic componets MSC1209 Datasheet HTML 13Page - OKI electronic componets MSC1209 Datasheet HTML 14Page - OKI electronic componets MSC1209 Datasheet HTML 15Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
¡ Semiconductor
MSC1209
11/15
Oscillator
Connect an external capacitor (C), as shown in Figure 4. The oscillating frequency fOSC depends
on the external capacitor used. The following equation is true between fOSC and grid frequency
(fGRID):
fGRID = fOSC/2048
Figure 4 Oscillator Equivalent Circuit
Dimming Function
The duty cycle of grid output can be changed in 1/2048 step with respect to 10-bit dimming data.
Table 1 shows the relationship between dimming data and duty ratio.
Table 1 Dimming Data and Duty Ratio
Note: Setting for address 3FFH is invalid.
Duty ratios are programmable within the range of 0/2048 (0%) to 1016.5/2048 (49.6%). Figure
5 shows the grid output timing.
Cascade Connection
When two MSC1209 ICs are used in cascade connection, use the MODEA and MODEB pins to
connect them, as shown below.
MSC1209
(Master)
MODEA
MODEB
OSC
SEL
MSC1209
(Slave)
MODEA
MODEB
OSC
SEL
5V
OPEN
(MSB)
00
00
11
11
11
11
Dimming Data
0000
0000
1111
1111
1111
1111
(LSB)
0000
0001
0111
1000
1001
1110
Duty Ratio
0/2048
1/2048
1015/2048
1016/2048
1016.5/2048
1016.5/2048
Max
Ø
Max
C (68pF)
fOSC
OSC Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com