Electronic Components Datasheet Search
  English  ▼

X  

MSC1218 Datasheet(PDF) 4 Page - OKI electronic componets

Part # MSC1218
Description  63-Bit Triplex Controller/Driver with Digital Dimming Function
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSC1218 Datasheet(HTML) 4 Page - OKI electronic componets

  MSC1218 Datasheet HTML 1Page - OKI electronic componets MSC1218 Datasheet HTML 2Page - OKI electronic componets MSC1218 Datasheet HTML 3Page - OKI electronic componets MSC1218 Datasheet HTML 4Page - OKI electronic componets MSC1218 Datasheet HTML 5Page - OKI electronic componets MSC1218 Datasheet HTML 6Page - OKI electronic componets MSC1218 Datasheet HTML 7Page - OKI electronic componets MSC1218 Datasheet HTML 8Page - OKI electronic componets MSC1218 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4/12
¡ Semiconductor
MSC1218
PIN DESCRIPTIONS
Symbol
Type
Decription
SEG1 - 21
O
Output pins for segment signals for driving VF display tube (anode).
GRID1 - 3
O
Output pins for grid signals for driving VF display tube (grid).
I
D-IN
CLOCK
OSC1
CS
VDD1
VDD2
Serial data input pin (positive logic).
Shift clock input pin.
Serial data shifts at the rising edge of CLOCK.
RC oscillator connecting pins. Oscillation frequency is 3.2MHz.
Connect a resistor between the OSC1 and OSC0 pins and a capacitor between
the OSC0 pin and the ground.
Chip select input pin. Data transfer is inhibited when this pin is "H".
Power supply pins. When using these pins, connect each of them to the power
supply.
Ground pin.
I
I
I
—
OSC0
Pin
32,
1 - 20
29 - 31
24
23
27
22
26
21
28
25
—
O
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com