Electronic Components Datasheet Search
  English  ▼

X  

MSC1218 Datasheet(PDF) 6 Page - OKI electronic componets

Part # MSC1218
Description  63-Bit Triplex Controller/Driver with Digital Dimming Function
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSC1218 Datasheet(HTML) 6 Page - OKI electronic componets

Back Button MSC1218 Datasheet HTML 2Page - OKI electronic componets MSC1218 Datasheet HTML 3Page - OKI electronic componets MSC1218 Datasheet HTML 4Page - OKI electronic componets MSC1218 Datasheet HTML 5Page - OKI electronic componets MSC1218 Datasheet HTML 6Page - OKI electronic componets MSC1218 Datasheet HTML 7Page - OKI electronic componets MSC1218 Datasheet HTML 8Page - OKI electronic componets MSC1218 Datasheet HTML 9Page - OKI electronic componets MSC1218 Datasheet HTML 10Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6/12
¡ Semiconductor
MSC1218
ELECTRICAL CHARACTERISTICS
DC Characteristics
Condition
VIH1
V
Parameter
Symbol
Min.
Unit
Max.
—
High Level Input Voltage (1)
(All inputs except OSC0)
(Ta = –40 to +85˚C, VDD = 8 to 18V (Unless otherwise noted) )
5.5
3.8
fOSC= 3.2MHz
No load
V
V
mA
mA
V
V
V
V
V
V
0.8
0.8
5
5
—
—
2
1
0.3
10
—
0.0
–5
–5
VDD–0.8
VDD–0.8
—
—
—
—
VDD= 9.5V
IOL3 = 2mA
External input only
VIH1 = 5.0V
VIL = 0.0V
VDD= 9.5V
IOH1 = –6mA
VDD= 9.5V
IOH2 = –16mA
VDD= 9.5V
IOL1 = 500mA
VDD= 9.5V
IOL2 = 200mA
VIL1
VIL2
IIH
IIL
VOH1
VOL3
VOL2
VOL1
VOH2
VDD
0.0
VIH2
V
External input only
5.5
4.5
Low Level Output Voltage (2)
(SEG1-20, GRID1-3)
High Level Output Voltage
(SEG1-20)
High Level Input Voltage (2)
(All inputs except OSC0)
Low Level Input Voltage (1)
(OSC0)
Low Level Input Voltage (2)
(OSC0)
High Level Input Current
(All inputs)
Low Level Input Current
(All inputs)
High Level Output Voltage
(GRID1-3)
Low Level Output Voltage (1)
(SEG1-20, GRID1-3)
Low Level Output Voltage (3)
(SEG1-20, GRID1-3)
Current Consumption



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com