Electronic Components Datasheet Search
  English  ▼

X  

MSC1218 Datasheet(PDF) 8 Page - OKI electronic componets

Part # MSC1218
Description  63-Bit Triplex Controller/Driver with Digital Dimming Function
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSC1218 Datasheet(HTML) 8 Page - OKI electronic componets

Back Button MSC1218 Datasheet HTML 4Page - OKI electronic componets MSC1218 Datasheet HTML 5Page - OKI electronic componets MSC1218 Datasheet HTML 6Page - OKI electronic componets MSC1218 Datasheet HTML 7Page - OKI electronic componets MSC1218 Datasheet HTML 8Page - OKI electronic componets MSC1218 Datasheet HTML 9Page - OKI electronic componets MSC1218 Datasheet HTML 10Page - OKI electronic componets MSC1218 Datasheet HTML 11Page - OKI electronic componets MSC1218 Datasheet HTML 12Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8/12
¡ Semiconductor
MSC1218
TIMING DIAGRAM
1)
Data Input Timing
tCSW
tCSL
CS
-3.8V
-0.8V
fC
CLOCK
-3.8V
-0.8V
tDS
DATA-IN
-3.8V
-0.8V
VALID
VALID
VALID
VALID
tDH
tCW
tCW
tCSS
tCSH
2)
Data Output Timing
tODS
tCSW
CS
SEG1-21,
GRID1-3
-3.8V
-0.8V
-80%
-20%
tR
tR
tODS
tR
3)
Power-on Timing
tPCS
VDD
CS
-80%VDD
-0.0V
-3.8V
-0.8V
tPRZ
tPOF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com