Electronic Components Datasheet Search
  English  ▼

X  

L8602G-Q20-4040-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # L8602G-Q20-4040-R
Description  LOW POWER 6 STAGE FET LNA AND MIXER BIAS CONTROLLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L8602G-Q20-4040-R Datasheet(HTML) 2 Page - Unisonic Technologies

  L8602G-Q20-4040-R Datasheet HTML 1Page - Unisonic Technologies L8602G-Q20-4040-R Datasheet HTML 2Page - Unisonic Technologies L8602G-Q20-4040-R Datasheet HTML 3Page - Unisonic Technologies L8602G-Q20-4040-R Datasheet HTML 4Page - Unisonic Technologies L8602G-Q20-4040-R Datasheet HTML 5Page - Unisonic Technologies L8602G-Q20-4040-R Datasheet HTML 6Page - Unisonic Technologies L8602G-Q20-4040-R Datasheet HTML 7Page - Unisonic Technologies L8602G-Q20-4040-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
L8602
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONIC TECHNOLOGIES CO., LTD
2 of 8
www.unisonic.com.tw
QW-R123-023.a
M ARK I N G
PI N CON FI GU RAT I ON
5
4
3
1
11
12
13
15
D6
RCAL1
RCALM
G3
D2
D3
16
18
19
20
G6
6
7
8
10
CSUB
Top View
17
9
2
14
G2
G5
D5
PI N DESCRI PT I ON
PIN NO.
PIN NAME
DESCRIPTION
1
D2
To D of fet 2
2
G2
To G of fet 2
3
D3
To D of fet 3
4
G3
To G of fet 3
5
RCALM
Connect 68kohm to set Id3/6 to 5mA
6
GND
Ground
7
Cnb1
connect an external cap to cnb2
8
Cnb2
connect an external cap to cnb1
9
CSUB
connect an external cap to produce -2.5V
10
RCAL2
Connect 36kohm to set Id2/5 to 10mA
11
RCAL1
Connect 36kohm to set Id1/4 to 10mA
12
G6
To G of fet 6
13
D6
To D of fet 6
14
G5
To G of fet 5
15
D5
To D of fet 5
16
G4
To G of fet 4
17
D4
To D of fet 4
18
VCC
Power supply
19
D1
To D of fet 1
20
G1
To G of fet 1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com