Electronic Components Datasheet Search
  English  ▼

X  

L8602G-Q20-4040-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # L8602G-Q20-4040-R
Description  LOW POWER 6 STAGE FET LNA AND MIXER BIAS CONTROLLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L8602G-Q20-4040-R Datasheet(HTML) 4 Page - Unisonic Technologies

  L8602G-Q20-4040-R Datasheet HTML 1Page - Unisonic Technologies L8602G-Q20-4040-R Datasheet HTML 2Page - Unisonic Technologies L8602G-Q20-4040-R Datasheet HTML 3Page - Unisonic Technologies L8602G-Q20-4040-R Datasheet HTML 4Page - Unisonic Technologies L8602G-Q20-4040-R Datasheet HTML 5Page - Unisonic Technologies L8602G-Q20-4040-R Datasheet HTML 6Page - Unisonic Technologies L8602G-Q20-4040-R Datasheet HTML 7Page - Unisonic Technologies L8602G-Q20-4040-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
L8602
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONIC TECHNOLOGIES CO., LTD
4 of 8
www.unisonic.com.tw
QW-R123-023.a
ABSOLU T E M AX I M U M RAT I N G
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
-0.6 ~ +10
V
Supply Current
ICC
100
mA
Power Dissipation
PD
600
mW
Operating Temperature Range
TOPR
-40 ~ +85
°C
Storage Temperature Range
TSTG
-40 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECT RI CAL CH ARACT ERI ST I CS
(Measured at TA=25°C, VCC=3.3V(Note 1), RCAL1=RCAL2=36K
Ω (setting ID1/2/4/5 to 10mA), RCALM=68KΩ (setting
ID3/6 to 5mA) unless otherwise stated)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Operating Voltage Range
VCC
3.0
8.0
V
ICC
ID1-6=0
1.6
4.0
mA
Supply Current
ICC(L)
ID1-6=10mA, no RCALM
62
64
mA
VCSUB
ICSUB=0
-3.0
-2.65
-2.0
V
Substrate Voltage
VCSUB(L)
ICSUB=-200uA
-2.55
-2.0
V
Oscillator Frequency
FOSC
100
260
600
kHz
Gate Characteristics
Gate (G1 to G6, resistor RCALM ot present)
Current Range
IG
-100
+500
uA
Voltage Low
VG(L)
ID=12mA, IG=-10uA
-3.0
-2.5
-2.0
V
Voltage High
VG(H)
ID=8mA, IG= 0
0
0.7
1.0
V
Voltage Disabled (Note 1)
VG(DIS)
ID=0, IG=-10uA, VRCAL1-2=3.0V
-3.0
-2.5
-2.0
V
Gate (G3 and G6, resistor RCALM present)
Current Range
IG
-100
+500
uA
Voltage Low
VG(L)
ID=6mA, IG=-10uA
-3.0
-2.5
-2.0
V
Voltage High
VG(H)
ID=4mA, IG=0
0
0.7
1.0
V
Voltage Disabled (Note 1)
VG(DIS)
ID=0, IG=-10uA, VRCAL2=V 3.0V
-3.0
-2.5
-2.0
V
Drain Characteristics
Drain (D1 to D6, resistor RCALM not present)
Current Range
ID
0
15
mA
Current Operating
ID(OP)
Standard Application Circuit
8
10
12
mA
Current Disabled (Note 1)
ID(DIS)
VD=0, VRCAL=3.0V
10
uA
Voltage Operating
VD(OP)
ID=10mA
1.8
2.0
2.2
V
Drain Characteristics
Drain (D3 and D6, resistor RCALM present)
Current Range
IDM
0.5
7.5
mA
Current Operating
IDM(OP)
Standard Application Circuit
4
5
6
mA
Current Disabled (Note 1)
IDM(DIS)
VD=0, VRCAL=3.0V, RCALM
not present
10
uA
Voltage Operating
VDM(OP)
ID=5mA
0.15
0.3
0.45
V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com