Electronic Components Datasheet Search
  English  ▼

X  

L8602G-Q20-4040-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # L8602G-Q20-4040-R
Description  LOW POWER 6 STAGE FET LNA AND MIXER BIAS CONTROLLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L8602G-Q20-4040-R Datasheet(HTML) 1 Page - Unisonic Technologies

  L8602G-Q20-4040-R Datasheet HTML 1Page - Unisonic Technologies L8602G-Q20-4040-R Datasheet HTML 2Page - Unisonic Technologies L8602G-Q20-4040-R Datasheet HTML 3Page - Unisonic Technologies L8602G-Q20-4040-R Datasheet HTML 4Page - Unisonic Technologies L8602G-Q20-4040-R Datasheet HTML 5Page - Unisonic Technologies L8602G-Q20-4040-R Datasheet HTML 6Page - Unisonic Technologies L8602G-Q20-4040-R Datasheet HTML 7Page - Unisonic Technologies L8602G-Q20-4040-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UNI SONI C TECHNOLOGI ES CO., LTD
L8602
Preliminary
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 8
Copyright © 2018 Unisonic Technologies Co., Ltd
QW-R123-023.a
LOW POWER 6 ST AGE FET
LN A AN D M I X ER BI AS
CON T ROLLER
DESCRI PT I ON
The UTC L8602 is a programmable low power depletion mode
FET bias and mixer controller intended primarily for satellite Low
Noise Blocks (LNBs).
Designed to provide system flexibility the UTC L8602 can be
programmed to bias six low noise amplifier (LNA) stages or four
LNA and two active mixer stages, allowing the UTC L8602 to be
used in several system designs.
Combining
an
advanced
IC
process
and
packaging
techniques, the UTC L8602 helps minimize power consumption,
component cost and PCB area whilst enhancing overall reliability.
FEAT U RES
* Low quiescent supply current, 1.6mA typical
* Six stage FET bias controller, two configurable as mixer stages
* Operating range of 3.0V to 8.0V
* Amplifier FET drain voltages set at 2.0V, mixer drain voltage set
at 0.25V
* Amplifier FET drain current selectable from 0 to 15mA, mixer
current from 0 to 7.5mA
* Switchable FET’s for power management
* FET drain voltages and currents held stable over temperature
and VCC variations
* FETs protected against overstress during power-up and
power-down.
* Internal negative supply generator allowing single supply
operation (available for external use)
* Low external component count
ORDERI N G I N FORM AT I ON
Ordering Number
Lead Free
Halogen Free
Package
Packing
L8602G-Q20-4040-R
L8602G-Q20-4040-R
QFN-20(4×4)
Tape Reel
L8602G-Q20-4040-R
L8602G-Q20-4040-R
QFN-20(4×4)
Tape Reel
(1) R: Tape Reel
(2) Q20-4040: QFN-20(4×4)
(3) G: Halogen Free and Lead Free, L: Lead Free
L8602G-Q20-4040-R
(1)Packing Type
(2)Package Type
(3)Green Package


Similar Part No. - L8602G-Q20-4040-R

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
L8601-01 HAMAMATSU-L8601-01 Datasheet
514Kb / 4P
90KV MICROFOCUS X-RAY SOURCE
More results

Similar Description - L8602G-Q20-4040-R

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZABG4002 DIODES-ZABG4002 Datasheet
90Kb / 7P
LOW POWER 4 STAGE FET LNA BIAS CONTROLLER
DS32047 Rev. 2 - 2
ZNBG3118 DIODES-ZNBG3118 Datasheet
125Kb / 10P
LNA GaAs FET BIAS CONTROLLER WITH POLARIZATION AND BAND SELECT
DS32049 Rev. 1 - 2
ZNBG4003 DIODES-ZNBG4003 Datasheet
172Kb / 7P
4 STAGE FET LNA BIAS CONTROLLER
DS35007 Rev. 1 - 2
ZABG6002 DIODES-ZABG6002 Datasheet
155Kb / 12P
LOW POWER 6 STAGE FET LNA AND MIXER BIAS CONTROLLER
DS32078 Rev. 1 - 2
ZABG4003 DIODES-ZABG4003 Datasheet
274Kb / 9P
4 STAGE FET LNA BIAS CONTROLLER
Rev 1
ZABG6003 DIODES-ZABG6003 Datasheet
288Kb / 8P
6 STAGE FET LNA BIAS CONTROLLER
Rev 1
ZABG6004 DIODES-ZABG6004 Datasheet
447Kb / 11P
6 STAGE FET LNA BIAS CONTROLLER
Rev 2
ZNBG4008 DIODES-ZNBG4008 Datasheet
505Kb / 7P
4 STAGE FET LNA BIAS CONTROLLER
Rev 1
ZNBG6008 DIODES-ZNBG6008 Datasheet
517Kb / 7P
6 STAGE FET LNA BIAS CONTROLLER
Rev 1
logo
Unisonic Technologies
L8402 UTC-L8402 Datasheet
149Kb / 6P
LOW POWER 4 STAGE FET BIAS CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com