Electronic Components Datasheet Search
  English  ▼

X  

1521229 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 1521229
Description  Connector hood - SACB-C-H180- 4/3-M8
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1521229 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  1521229 Datasheet HTML 1Page - PHOENIX CONTACT 1521229 Datasheet HTML 2Page - PHOENIX CONTACT 1521229 Datasheet HTML 3Page - PHOENIX CONTACT 1521229 Datasheet HTML 4Page - PHOENIX CONTACT 1521229 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
https://www.phoenixcontact.com/us/products/1521229
12/2/13   Page 4 / 5
Connector hood - SACB-C-H180- 4/3-M8 - 1521229
Approvals
cULus Recognized 
Accessories
Accessories
Cable by the meter
Master cable ring - SACB- 4X0,34/2X0,75-50 PUR - 1517576
Master cable for sensor/actuator boxes, without PE conductor, unshielded, material PUR/PVC, 6-pos., 4 x 0.34 mm² and
2 x 0.75 mm², length: 50 m
 
 
Labeled terminal marker
Zack Marker strip, flat - ZBF10 CUS - 0825031
Zack Marker strip, flat, Can be ordered: Strip, white, Labeled according to customer specifications, Mounting type: Snap
into flat marker groove, For terminal block width: 10 mm, Lettering field: 5.15 x 10 mm
 
 
Screwdriver tools
Tool - SAC BIT HOOD-W 24 - 1212486
Nut for assembling pressure nuts with 24 mm wrench size, for 4 mm hexagonal drive
 
 
Philips screwdriver - SZK PZ2 VDE - 1206463
Screwdriver, PZ crosshead, VDE insulated, size: PZ 2 x 100 mm, 2-component grip, with non-slip grip
 
 



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com