Electronic Components Datasheet Search
  English  ▼

X  

1521229 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1521229
Description  Connector hood - SACB-C-H180- 4/3-M8
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1521229 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1521229 Datasheet HTML 1Page - PHOENIX CONTACT 1521229 Datasheet HTML 2Page - PHOENIX CONTACT 1521229 Datasheet HTML 3Page - PHOENIX CONTACT 1521229 Datasheet HTML 4Page - PHOENIX CONTACT 1521229 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
https://www.phoenixcontact.com/us/products/1521229
12/2/13   Page 1 / 5
Connector hood - SACB-C-H180- 4/3-M8 - 1521229
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Connector hood with an integrated connector, for M8 sensor/actuator boxes with pluggable screw connection and
four slots, single-occupancy
Key commercial data
Packing unit
1 PCE
Custom tariff number
85444290
Country of origin
Poland
Technical data
General
Rated voltage
120 V
Current carrying capacity per I/O signal
2 A
Total rated current
8 A
Number of slots
4
Sensor/actuator connection system
M8 socket
Ambient conditions
Degree of protection
IP65
IP67
Ambient temperature (operation)
-30 °C ... 80 °C
Master cable data/connection data
Connection method
Pluggable screw connection
Conductor cross section min. (signal)
0.14 mm²
Conductor cross section max. (signal)
1.5 mm²
Conductor cross section AWG min. (signal)
26
Conductor cross section AWG max. (signal)
16
Stripping length (signal)
7 mm
Conductor cross section min. (energy)
0.14 mm²
Conductor cross section max. (energy)
1.5 mm²


Similar Part No. - 1521229

ManufacturerPart #DatasheetDescription
logo
Heyco.
15212 HEYCO-15212 Datasheet
218Kb / 1P
Heyco® Edge Clips
logo
PHOENIX CONTACT
1521216 PHOENIX-1521216 Datasheet
67Kb / 5P
Connector hood - SACB-C-H180- 6/3-M8
1521258 PHOENIX-1521258 Datasheet
162Kb / 4P
SACC-M12MSD-4CON-PG 7-SH
1521261 PHOENIX-1521261 Datasheet
152Kb / 4P
SACC-M12MSD-4CON-PG 9-SH
1521287 PHOENIX-1521287 Datasheet
304Kb / 6P
Connector - SACC-MINMS-3CON-PG 9
More results

Similar Description - 1521229

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1503027 PHOENIX-1503027 Datasheet
94Kb / 5P
Connector hood - SACB-C-H180-4/ 4-10,0PUR
1516292 PHOENIX-1516292 Datasheet
111Kb / 7P
Connector hood - SACB-C-H180- 4/3- 5,0PUR-M8
1516302 PHOENIX-1516302 Datasheet
111Kb / 7P
Connector hood - SACB-C-H180- 4/3-10,0PUR-M8
1516315 PHOENIX-1516315 Datasheet
99Kb / 6P
Connector hood - SACB-C-H180- 6/3- 5,0PUR-M8
1516328 PHOENIX-1516328 Datasheet
99Kb / 6P
Connector hood - SACB-C-H180- 6/3-10,0PUR-M8
1516331 PHOENIX-1516331 Datasheet
103Kb / 6P
Connector hood - SACB-C-H180- 8/3- 5,0PUR-M8
1516357 PHOENIX-1516357 Datasheet
101Kb / 6P
Connector hood - SACB-C-H180-10/3- 5,0PUR-M8
1516360 PHOENIX-1516360 Datasheet
101Kb / 6P
Connector hood - SACB-C-H180-10/3-10,0PUR-M8
1516412 PHOENIX-1516412 Datasheet
70Kb / 5P
Connector hood - SACB-C-H180-10/3-M8
1521216 PHOENIX-1521216 Datasheet
67Kb / 5P
Connector hood - SACB-C-H180- 6/3-M8
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com