Electronic Components Datasheet Search
  English  ▼

X  

1521229 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1521229
Description  Connector hood - SACB-C-H180- 4/3-M8
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1521229 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1521229 Datasheet HTML 1Page - PHOENIX CONTACT 1521229 Datasheet HTML 2Page - PHOENIX CONTACT 1521229 Datasheet HTML 3Page - PHOENIX CONTACT 1521229 Datasheet HTML 4Page - PHOENIX CONTACT 1521229 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
https://www.phoenixcontact.com/us/products/1521229
12/2/13   Page 2 / 5
Connector hood - SACB-C-H180- 4/3-M8 - 1521229
Technical data
Master cable data/connection data
Conductor cross section AWG min. (energy)
26
Conductor cross section AWG max. (energy)
16
External cable diameter min.
7 mm
External cable diameter max.
12 mm
Stripping length
60 mm (Master cable)
Tightening torque, cover screw
1 Nm
Tightening torque, union nut
2.5 Nm
Insulation material
Housing material
PBT
Material of contact, master cable side
CU alloy
Material of contact surface, master cable side
Gold-plated
Material of the contact carrier on the master cable side
PA
Pin assignment
Slot/position = Wire color or connection
1 / 4 (A) = 1 / 4
2 / 4 (A) = 2 / 4
3 / 4 (A) = 3 / 4
4 / 4 (A) = 4 / 4
1-4 / 1 (+ 24 V) = UN
1-4 / 3 (0 V) = 0 V
Classifications
eCl@ss
eCl@ss 4.0
27140815
eCl@ss 4.1
27140815
eCl@ss 5.0
27143423
eCl@ss 5.1
27143423
eCl@ss 6.0
27143423
eCl@ss 7.0
27449001
eCl@ss 8.0
27449001
ETIM
ETIM 2.0
EC000200
ETIM 3.0
EC001856
ETIM 4.0
EC002585
ETIM 5.0
EC001855



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com