Electronic Components Datasheet Search
  English  ▼

X  

P87LPC759 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # P87LPC759
Description  Low power, low price, low pin count (14 pin) microcontroller with 1 kbyte OTP
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87LPC759 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button P87LPC759 Datasheet HTML 3Page - NXP Semiconductors P87LPC759 Datasheet HTML 4Page - NXP Semiconductors P87LPC759 Datasheet HTML 5Page - NXP Semiconductors P87LPC759 Datasheet HTML 6Page - NXP Semiconductors P87LPC759 Datasheet HTML 7Page - NXP Semiconductors P87LPC759 Datasheet HTML 8Page - NXP Semiconductors P87LPC759 Datasheet HTML 9Page - NXP Semiconductors P87LPC759 Datasheet HTML 10Page - NXP Semiconductors P87LPC759 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
Philips Semiconductors
Preliminary data
P87LPC759
Low power, low price, low pin count (14 pin)
microcontroller with 1 kbyte OTP
2002 Mar 21
5
PIN DESCRIPTION
MNEMONIC
PIN NO.
TYPE
NAME AND FUNCTION
P0.3–P0.6
10, 12–14
I/O
Port 0: Port 0 is a 4-bit I/O port with a user-configurable output type. Port 0 latches are con-
figured in the quasi-bidirectional mode and have either ones or zeros written to them during
reset, as determined by the PRHI bit in the UCFG1 configuration byte. The operation of port
0 pins as inputs and outputs depends upon the port configuration selected. Each port pin is
configured independently. Refer to the section on I/O port configuration and the DC Electri-
cal Characteristics for details.
The Keyboard Interrupt feature operates with port 0 pins.
P1.0–P1.3
P1.5, P1.7
1–2
6–9
I/O
Port 1: Port 1 is an 6-bit I/O port with a user-configurable output type, except for three pins
as noted below. Port 1 latches are configured in the quasi-bidirectional mode and have ei-
ther ones or zeros written to them during reset, as determined by the PRHI bit in the UCFG1
configuration byte. The operation of the configurable port 1 pins as inputs and outputs de-
pends upon the port configuration selected. Each of the configurable port pins are pro-
grammed independently. Refer to the section on I/O port configuration and the DC Electrical
Characteristics for details.
Port 1 also provides various special functions as described below.
7
I/O
O
P1.2
T0
Timer/counter 0 external count input or overflow output.
When configured as an output, P1.2 is open drain.
6
I
O
P1.3
INT0
External interrupt 0 input.
When configured as an output, P1.3 is open drain.
2
I
P1.5
RST
External Reset input (if selected via EPROM configuration). A
low on this pin resets the microcontroller, causing I/O ports and
peripherals to take on their default states, and the processor
begins execution at address 0. When used as a port pin, P1.5 is
a Schmitt trigger input only.
P2.0–P2.1
4, 5
I/O
Port 2: Port 2 is a 2-bit I/O port with a user-configurable output type. Port 2 latches are con-
figured in the quasi-bidirectional mode and have either ones or zeros written to them during
reset, as determined by the PRHI bit in the UCFG1 configuration byte. The operation of port
2 pins as inputs and outputs depends upon the port configuration selected. Each port pin is
configured independently. Refer to the section on I/O port configuration and the DC Electri-
cal Characteristics for details.
Port 2 also provides various special functions as described below.
5
O
P2.0
X2
Output from the oscillator amplifier (when a crystal oscillator
option is selected via the EPROM configuration).
CLKOUT
CPU clock divided by 6 clock output when enabled via SFR bit
and in conjunction with internal RC oscillator or external clock
input.
4
I
P2.1
X1
Input to the oscillator circuit and internal clock generator circuits
(when selected via the EPROM configuration).
VSS
3
I
Ground: 0 V reference.
VDD
11
I
Power Supply: This is the power supply voltage for normal operation as well as Idle and
Power Down modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com