Electronic Components Datasheet Search
  English  ▼

X  

P87LPC759 Datasheet(PDF) 25 Page - NXP Semiconductors

Part # P87LPC759
Description  Low power, low price, low pin count (14 pin) microcontroller with 1 kbyte OTP
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87LPC759 Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button P87LPC759 Datasheet HTML 21Page - NXP Semiconductors P87LPC759 Datasheet HTML 22Page - NXP Semiconductors P87LPC759 Datasheet HTML 23Page - NXP Semiconductors P87LPC759 Datasheet HTML 24Page - NXP Semiconductors P87LPC759 Datasheet HTML 25Page - NXP Semiconductors P87LPC759 Datasheet HTML 26Page - NXP Semiconductors P87LPC759 Datasheet HTML 27Page - NXP Semiconductors P87LPC759 Datasheet HTML 28Page - NXP Semiconductors P87LPC759 Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 38 page
background image
Philips Semiconductors
Preliminary data
P87LPC759
Low power, low price, low pin count (14 pin)
microcontroller with 1 kbyte OTP
2002 Mar 21
23
SU01547
TL0
(8 BITS)
TH0
(8 BITS)
OSC/6
OR
OSC/12
OVERFLOW
T0 PIN
T0OE
TOGGLE
CONTROL
C/T = 1
C/T = 0
T0 PIN
TR0
GATE
INT0 PIN
INTERRUPT
TF0
RELOAD
Figure 21. Timer/Counter 0 in Mode 2 (8-Bit Auto-Reload)
SU01548
TL1
(8 BITS)
TH1
(8 BITS)
OSC/6
OR
OSC/12
OVERFLOW
CONTROL
TR1
INTERRUPT
TF1
RELOAD
Figure 22. Timer 1 in Mode 2 (8-Bit Auto-Reload)
SU01549
TL0
(8 BITS)
OSC/6
OR
OSC/12
OVERFLOW
T0 PIN
T0OE
TOGGLE
CONTROL
C/T = 1
C/T = 0
T0 PIN
TR0
GATE
INT0 PIN
INTERRUPT
TF0
TH0
(8 BITS)
OVERFLOW
CONTROL
INTERRUPT
TF1
TR1
OSC/6
OR
OSC/12
Figure 23. Timer/Counter 0 Mode 3 (Two 8-Bit Timer/Counters)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com