Electronic Components Datasheet Search
  English  ▼

X  

P87LPC759 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # P87LPC759
Description  Low power, low price, low pin count (14 pin) microcontroller with 1 kbyte OTP
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87LPC759 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button P87LPC759 Datasheet HTML 4Page - NXP Semiconductors P87LPC759 Datasheet HTML 5Page - NXP Semiconductors P87LPC759 Datasheet HTML 6Page - NXP Semiconductors P87LPC759 Datasheet HTML 7Page - NXP Semiconductors P87LPC759 Datasheet HTML 8Page - NXP Semiconductors P87LPC759 Datasheet HTML 9Page - NXP Semiconductors P87LPC759 Datasheet HTML 10Page - NXP Semiconductors P87LPC759 Datasheet HTML 11Page - NXP Semiconductors P87LPC759 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
Philips Semiconductors
Preliminary data
P87LPC759
Low power, low price, low pin count (14 pin)
microcontroller with 1 kbyte OTP
2002 Mar 21
6
SPECIAL FUNCTION REGISTERS
Name
Description
SFR
Address
Bit Functions and Addresses
MSB
LSB
Reset
Value
E7
E6
E5
E4
E3
E2
E1
E0
ACC*
Accumulator
E0h
00h
AUXR1#
Auxiliary Function Register
A2h
KBF
BOD
BOI
LPEP
SRST
0
–
DPS
02h1
F7
F6
F5
F4
F3
F2
F1
F0
B*
B register
F0h
00h
DIVM#
CPU clock divide-by-M
control
95h
00h
DPTR:
Data pointer (2 bytes)
DPH
Data pointer high byte
83h
00h
DPL
Data pointer low byte
82h
00h
DF
DE
DD
DC
DB
DA
D9
D8
AF
AE
AD
AC
AB
AA
A9
A8
IEN0*
Interrupt enable 0
A8h
EA
EWD
EBO
–
ET1
–
ET0
EX0
00h
EF
EE
ED
EC
EB
EA
E9
E8
IEN1#*
Interrupt enable 1
E8h
–
–
–
–
–
–
EKB
–
00h1
BF
BE
BD
BC
BB
BA
B9
B8
IP0*
Interrupt priority 0
B8h
–
PWD
PBO
–
PT1
–
PT0
PX0
00h1
IP0H#
Interrupt priority 0 high
byte
B7h
–
PWDH
PBOH
–
PT1H
–
PT0H
PX0H
00h1
FF
FE
FD
FC
FB
FA
F9
F8
IP1*
Interrupt priority 1
F8h
–
–
–
–
–
–
PKB
–
00h1
IP1H#
Interrupt priority 1 high
byte
F7h
–
–
–
–
–
–
PKBH
–
00h1
KBI#
Keyboard Interrupt
86h
00h
87
86
85
84
83
82
81
80
P0*
Port 0
80h
–
–
–
–
–
–
–
–
Note 2
97
96
95
94
93
92
91
90
P1*
Port 1
90h
(P1.7)
–
RST
–
INT0
T0
–
–
Note 2
A7
A6
A5
A4
A3
A2
A1
A0
P2*
Port 2
A0h
–
–
–
–
–
–
X1
X2
Note 2
P0M1#
Port 0 output mode 1
84h
–
(P0M1.6)
(P0M1.5)
(P0M1.4) (P0M1.3)
–
–
–
00h
P0M2#
Port 0 output mode 2
85h
–
(P0M2.6)
(P0M2.5)
(P0M2.4) (P0M2.3)
–
–
–
00h
P1M1#
Port 1 output mode 1
91h
(P1M1.7)
–
–
–
–
–
(P1M1.1)
(P1M1.0)
00h1
P1M2#
Port 1 output mode 2
92h
(P1M2.7)
–
–
–
–
–
(P1M2.1)
(P1M2.0)
00h1
P2M1#
Port 2 output mode 1
A4h
P2S
P1S
P0S
ENCLK
–
T0OE
(P2M1.1)
(P2M1.0)
00h
P2M2#
Port 2 output mode 2
A5h
–
–
–
–
–
–
(P2M2.1)
(P2M2.0)
00h1
PCON
Power control register
87h
SMOD1
SMOD0
BOF
POF
GF1
GF0
PD
IDL
Note 3
D7
D6
D5
D4
D3
D2
D1
D0
PSW*
Program status word
D0h
CY
AC
F0
RS1
RS0
OV
F1
P
00h
SP
Stack pointer
81h
07h
8F
8E
8D
8C
8B
8A
89
88
TCON*
Timer 0 and 1 control
88h
TF1
TR1
TF0
TR0
–
–
IE0
IT0
00h
TH0
Timer 0 high byte
8Ch
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com