| Electronic Components Datasheet Search |
|
LTC2249 Datasheet(PDF) 7 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTC2249 Datasheet(HTML) 7 Page - Linear Technology |
|
7 / 20 page ![]() LTC2249 7 2249f TYPICAL PERFOR A CE CHARACTERISTICS SNR vs Input Level, fIN = 70MHz, 2V Range IOVDD vs Sample Rate, 5MHz Sine Wave Input, –1dB, OVDD = 1.8V IVDD vs Sample Rate, 5MHz Sine Wave Input, –1dB SFDR vs Input Level, fIN = 70MHz, 2V Range PI FU CTIO S AIN+ (Pin 1): Positive Differential Analog Input. AIN- (Pin 2): Negative Differential Analog Input. REFH (Pins 3, 4): ADC High Reference. Short together and bypass to pins 5, 6 with a 0.1µF ceramic chip capacitor as close to the pin as possible. Also bypass to pins 5, 6 with an additional 2.2µF ceramic chip capacitor and to ground with a 1µF ceramic chip capacitor. REFL (Pins 5, 6): ADC Low Reference. Short together and bypass to pins 3, 4 with a 0.1µF ceramic chip capacitor as close to the pin as possible. Also bypass to pins 3, 4 with an additional 2.2µF ceramic chip capacitor and to ground with a 1µF ceramic chip capacitor. VDD (Pins 7, 32): 3V Supply. Bypass to GND with 0.1µF ceramic chip capacitors. GND (Pin 8): ADC Power Ground. CLK (Pin 9): Clock Input. The input sample starts on the positive edge. SHDN (Pin 10): Shutdown Mode Selection Pin. Connect- ing SHDN to GND and OE to GND results in normal INPUT LEVEL (dBFS) –50 –60 –70 30 40 50 –20 0 2249 G13 20 10 0 –40 –30 dBFS dBc –10 60 70 80 INPUT LEVEL (dBFS) –80 60 dBc dBFS 90 100 0 2249 G14 50 40 0 –60 –40 –20 20 120 110 80 70 30 10 100dBc SFDR REFERENCE LINE SAMPLE RATE (Msps) 0 50 55 65 70 75 85 10 50 70 2249 G15 60 80 40 90 100 20 30 60 80 2V RANGE 1V RANGE SAMPLE RATE (Msps) 0 0 1 3 4 5 7 10 50 70 2249 G16 2 6 40 90 100 20 30 60 80 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |