| Electronic Components Datasheet Search |
|
LTC2249 Datasheet(PDF) 8 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTC2249 Datasheet(HTML) 8 Page - Linear Technology |
|
8 / 20 page ![]() LTC2249 8 2249f operation with the outputs enabled. Connecting SHDN to GND and OE to VDD results in normal operation with the outputs at high impedance. Connecting SHDN to VDD and OE to GND results in nap mode with the outputs at high impedance. Connecting SHDN to VDD and OE to VDD results in sleep mode with the outputs at high impedance. OE (Pin 11): Output Enable Pin. Refer to SHDN pin function. D0 – D13 (Pins 12, 13, 14, 15, 16, 17, 18, 19, 22, 23, 24, 25, 26, 27): Digital Outputs. D13 is the MSB. OGND (Pin 20): Output Driver Ground. OVDD (Pin 21): Positive Supply for the Output Drivers. Bypass to ground with 0.1µF ceramic chip capacitor. OF (Pin 28): Over/Under Flow Output. High when an over or under flow has occurred. MODE (Pin 29): Output Format and Clock Duty Cycle Stabilizer Selection Pin. Connecting MODE to GND selects straight binary output format and turns the clock duty cycle stabilizer off. 1/3 VDD selects straight binary output format and turns the clock duty cycle stabilizer on. 2/3 VDD selects 2’s complement output format and turns the clock duty cycle stabilizer on. VDD selects 2’s complement output format and turns the clock duty cycle stabilizer off. SENSE (Pin 30): Reference Programming Pin. Connecting SENSE to VCM selects the internal reference and a ±0.5V input range. VDD selects the internal reference and a ±1V input range. An external reference greater than 0.5V and less than 1V applied to SENSE selects an input range of ±VSENSE. ±1V is the largest valid input range. VCM (Pin 31): 1.5V Output and Input Common Mode Bias. Bypass to ground with 2.2µF ceramic chip capacitor. GND (Exposed Pad) (Pin 33): ADC Power Ground. The exposed pad on the bottom of the package needs to be soldered to ground. PI FU CTIO S FUNCTIONAL BLOCK DIAGRA SHIFT REGISTER AND CORRECTION DIFF REF AMP REF BUF 2.2µF 1µF1µF 0.1µF INTERNAL CLOCK SIGNALS REFH REFL CLOCK/DUTY CYCLE CONTROL RANGE SELECT 1.5V REFERENCE FIRST PIPELINED ADC STAGE FIFTH PIPELINED ADC STAGE SIXTH PIPELINED ADC STAGE FOURTH PIPELINED ADC STAGE SECOND PIPELINED ADC STAGE REFH REFL CLK OE MODE OGND OVDD 2249 F01 INPUT S/H SENSE VCM AIN – AIN + 2.2µF THIRD PIPELINED ADC STAGE OUTPUT DRIVERS CONTROL LOGIC SHDN OF D13 D0 • • • Figure 1. Functional Block Diagram |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |