Electronic Components Datasheet Search
  English  ▼

X  

LDS8720 Datasheet(PDF) 2 Page - IXYS Corporation

Part # LDS8720
Description  184 WLED Matrix Driver with Boost Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LDS8720 Datasheet(HTML) 2 Page - IXYS Corporation

  LDS8720 Datasheet HTML 1Page - IXYS Corporation LDS8720 Datasheet HTML 2Page - IXYS Corporation LDS8720 Datasheet HTML 3Page - IXYS Corporation LDS8720 Datasheet HTML 4Page - IXYS Corporation LDS8720 Datasheet HTML 5Page - IXYS Corporation LDS8720 Datasheet HTML 6Page - IXYS Corporation LDS8720 Datasheet HTML 7Page - IXYS Corporation LDS8720 Datasheet HTML 8Page - IXYS Corporation LDS8720 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
LDS8720
© 2011 IXYS Corp.
2
Doc. No. 8720DS, Rev. N1.1
Characteristics subject to change without notice
ABSOLUTE MAXIMUM RATINGS
Parameter
Rating
Unit
VIN voltage
6
V
VOUT, SW, LEDS, VHVB voltage
40
V
EN/SET voltage
VIN + 0.7V
V
Storage Temperature Range
-65 to +160
°C
Junction Temperature Range
-40 to +125
°C
8-pin TDFN package Thermal Resistance
65
°C/W
Soldering Temperature
300
°C
RECOMMENDED OPERATING CONDITIONS
Parameter
Rating
Unit
VIN
2.7 to 5.5
V
Ambient Temperature Range
-40 to +85
°C
Typical application circuit with external components is shown on page 1.
ELECTRICAL OPERATING CHARACTERISTICS
(Over recommended operating conditions unless specified otherwise) VIN = 3.6V,TAMB = 25°C, CIN = 1 µF, COUT = 1 µF, L = 22 µH
Name
Conditions
Min
Typ
Max
Units
VIN = 3.6 V, VOUT open
1
Quiescent Current
VIN = 3.6 V, ILED =
25 mA @ VOUT =36 V
3
mA
Shutdown Current
VIN = 5.5V, EN = 0V
1
µA
LED Current Accuracy
At factory preset value
±3
%
Oscillator Frequency
0.7
MHz
Maximum Duty Cycle
92
%
NMOSFET Switch On Resistance
0.3
Ω
PMOSFET Switch On Resistance
1.5
Ω
Switch Leakage Current
0.1
µA
Switch Current Limit
1.9
A
Dropout/Current sense voltage
At factory preset value
250
mV
PWM Frequency
0.1
30
kHz
Input Resistance (pull down)
250
k
Ω
High
1.4
EN/PWM
Pin
Logic Level
Low
0.4
V
Thermal Shutdown
150
Thermal Hysteresis
20
°C
Over-Voltage Protection
36
V
Soft Start Time
1.5
ms
Delay Time to Shutdown
EN = 0
10
ms


Similar Part No. - LDS8720

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
LDS8724 IXYS-LDS8724 Datasheet
474Kb / 10P
   40 WLED Driver with Boost Converter
LDS8724008T2-200 IXYS-LDS8724008T2-200 Datasheet
474Kb / 10P
   40 WLED Driver with Boost Converter
LDS8726 IXYS-LDS8726 Datasheet
474Kb / 10P
   49 WLED Driver with Boost Converter
More results

Similar Description - LDS8720

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
LDS8726 IXYS-LDS8726 Datasheet
474Kb / 10P
   49 WLED Driver with Boost Converter
LDS8724 IXYS-LDS8724 Datasheet
474Kb / 10P
   40 WLED Driver with Boost Converter
logo
Taiwan Semiconductor Co...
TS1916 TSC-TS1916 Datasheet
875Kb / 10P
   1.7A Boost WLED Driver
logo
ACE Technology Co., LTD...
ACE7168R ACE-ACE7168R Datasheet
286Kb / 4P
   Asynchronies Boost WLED Driver
VER 1.1
logo
Taiwan Semiconductor Co...
TS19371 TSC-TS19371_14 Datasheet
484Kb / 8P
   Boost (Step-up) WLED Driver with OVP
TS19371 TSC-TS19371 Datasheet
222Kb / 8P
   Boost (Step-up) WLED Driver with OVP
TS19371 TSC-TS19371_10 Datasheet
226Kb / 10P
   Boost (Step-up) WLED Driver with OVP
TS19370 TSC-TS19370 Datasheet
193Kb / 8P
   Boost (Step-up) WLED Driver with OVP
logo
Eutech Microelectronics...
EUP2538 EUTECH-EUP2538 Datasheet
264Kb / 11P
   10X2 Strings WLED Boost Converter
logo
Taiwan Semiconductor Co...
TS19370 TSC-TS19370_10 Datasheet
124Kb / 8P
   Boost (Step-up) WLED Driver with OVP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com