Electronic Components Datasheet Search
  English  ▼

X  

LDS8720 Datasheet(PDF) 5 Page - IXYS Corporation

Part # LDS8720
Description  184 WLED Matrix Driver with Boost Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LDS8720 Datasheet(HTML) 5 Page - IXYS Corporation

  LDS8720 Datasheet HTML 1Page - IXYS Corporation LDS8720 Datasheet HTML 2Page - IXYS Corporation LDS8720 Datasheet HTML 3Page - IXYS Corporation LDS8720 Datasheet HTML 4Page - IXYS Corporation LDS8720 Datasheet HTML 5Page - IXYS Corporation LDS8720 Datasheet HTML 6Page - IXYS Corporation LDS8720 Datasheet HTML 7Page - IXYS Corporation LDS8720 Datasheet HTML 8Page - IXYS Corporation LDS8720 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
LDS8720
© 2011 IXYS Corp.
5
Doc. No. 8720DS, Rev. N1.1
Characteristics subject to change without notice
PIN DESCRIPTION
Pin #
Name
Function
1
VIN
Input Voltage, connect to battery or power supply
2
GND
Analog Ground
3
PGND
Power Ground
4
SW
Switch input; Connect inductor terminal to this pin
5
VOUT
Output voltage; Connect the LED string anode
terminal to this pin.
6
HVB
High Voltage Bypass; Connect a 470 pF capacitor
between this point and VOUT
7
LEDS
Current Sense input. Connect LED string cathode
terminal to this pin
8
EN/PWM Device Enable (active high) and Dimming Control
PAD
PAD
Connect to GND on the PCB
Top view: TDFN 8-lead 2 X 3 mm
PIN FUNCTION
VIN is the supply pin for the driver. A small 1 μF
ceramic bypass capacitor is required between the VIN
pin and ground near the device. The operating input
voltage range is from 2.7 V to 5.5 V. If the input
supply
voltage
falls
below
the
under-voltage
threshold, switch is disabled, and the device enters
shutdown mode.
HVB is the internal high voltage reference point.
Connect a 4700 pF capacitor between this point and
VOUT.
EN/PWM is the enable and PWM control logic input.
Guaranteed levels of logic high and logic low are set
at 1.4 V and 0.4 V respectively. When EN/PWM is
initially taken high, the device becomes enabled and
LED current sets to maximum programmed value..
To place the device into shutdown
mode, the
EN/PWM pin must be held low for more than 10 ms.
VOUT is the driver output. Connect it to the LED
anode. A ceramic bypass capacitor of 1 µF requires
between the VOUT pin and ground near the device.
GND is the ground reference for the analog circuits.
The pin must be connected to the ground plane on
the PCB. Avoid high currents flowing trough traces
connecting this pin with EN/PWM signal source.
PGND is the current return for high current circuits.
The pin must be connected to the ground plane on
the PCB. Connect GND and PGND as close to the
driver as possible.
LEDS is the Current Sense pin that provides internal
regulated current sink for LED string. Connect LED
string cathode to this pin. This pin enter high-
impedance zero current state whenever the device is
in shutdown mode.
PAD is the exposed pad underneath the package.
For best thermal performance, the pad should be
soldered to the PCB and connected to the ground
plane


Similar Part No. - LDS8720

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
LDS8724 IXYS-LDS8724 Datasheet
474Kb / 10P
   40 WLED Driver with Boost Converter
LDS8724008T2-200 IXYS-LDS8724008T2-200 Datasheet
474Kb / 10P
   40 WLED Driver with Boost Converter
LDS8726 IXYS-LDS8726 Datasheet
474Kb / 10P
   49 WLED Driver with Boost Converter
More results

Similar Description - LDS8720

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
LDS8726 IXYS-LDS8726 Datasheet
474Kb / 10P
   49 WLED Driver with Boost Converter
LDS8724 IXYS-LDS8724 Datasheet
474Kb / 10P
   40 WLED Driver with Boost Converter
logo
Taiwan Semiconductor Co...
TS1916 TSC-TS1916 Datasheet
875Kb / 10P
   1.7A Boost WLED Driver
logo
ACE Technology Co., LTD...
ACE7168R ACE-ACE7168R Datasheet
286Kb / 4P
   Asynchronies Boost WLED Driver
VER 1.1
logo
Taiwan Semiconductor Co...
TS19371 TSC-TS19371_14 Datasheet
484Kb / 8P
   Boost (Step-up) WLED Driver with OVP
TS19371 TSC-TS19371 Datasheet
222Kb / 8P
   Boost (Step-up) WLED Driver with OVP
TS19371 TSC-TS19371_10 Datasheet
226Kb / 10P
   Boost (Step-up) WLED Driver with OVP
TS19370 TSC-TS19370 Datasheet
193Kb / 8P
   Boost (Step-up) WLED Driver with OVP
logo
Eutech Microelectronics...
EUP2538 EUTECH-EUP2538 Datasheet
264Kb / 11P
   10X2 Strings WLED Boost Converter
logo
Taiwan Semiconductor Co...
TS19370 TSC-TS19370_10 Datasheet
124Kb / 8P
   Boost (Step-up) WLED Driver with OVP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com