Electronic Components Datasheet Search
  English  ▼

X  

OPBA303 Datasheet(PDF) 4 Page - TT Electronics.

Part # OPBA303
Description  Photologic짰 Dual Channel Encoder
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OPBA303 Datasheet(HTML) 4 Page - TT Electronics.

  OPBA303 Datasheet HTML 1Page - TT Electronics. OPBA303 Datasheet HTML 2Page - TT Electronics. OPBA303 Datasheet HTML 3Page - TT Electronics. OPBA303 Datasheet HTML 4Page - TT Electronics. OPBA303 Datasheet HTML 5Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue B
02/13
Page 4 of 5
Photologic® Dual Channel Encoder
OPBA301, OPBA303
OPTEK Technology is TS 16949:2002 certified, any changes will be consistent with TS 16949:2002 procedures.
Propagation Delay vs Ambient Temperature
0
5
10
15
20
-50
-25
0
25
50
75
100
TA - Ambient Temperature (°C)
Amplitude = 0.5 mW/cm
2
VCC = 5 V
RL = 360 Ώ
λ = 890 nm
f = 10 kHz
Duty Cycle = 50%
tPLH
tPHL
Rise and Fall Time vs Ambient Temperature
vs Output Load
0
50
100
150
200
250
-50
-25
0
25
50
75
100
TA - Ambient Temperature (°C)
VCC = 5 V
λ = 890 nm
f = 10 kHz
tr, RL = 2 KΏ
Amplitude = 0.5 mW/cm
2
tr, RL = 1 KΏ
tr, RL = 360 Ώ
tf, RL = 360 Ώ, 1 k Ώ, 2 kΏ
Performance Curves
Ch-A
Ch-B
0.06 [1.50] MIN.
0.09 [2.20]
0.09 [2.20]
0.07 [1.80]
0.07 [1.80]
0.07 [1.80]
Clear
Hole
Clear
Hole
Clear
Hole
Dimensions are in inches [mm]
Ideal Target Size & Spacing
For Linear or Circular Targets
Sensor Output(s)
Please consult OPTEK for target design and
sensor location relative to the target.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com