Electronic Components Datasheet Search
  English  ▼

X  

OPBA303 Datasheet(PDF) 2 Page - TT Electronics.

Part # OPBA303
Description  Photologic짰 Dual Channel Encoder
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OPBA303 Datasheet(HTML) 2 Page - TT Electronics.

  OPBA303 Datasheet HTML 1Page - TT Electronics. OPBA303 Datasheet HTML 2Page - TT Electronics. OPBA303 Datasheet HTML 3Page - TT Electronics. OPBA303 Datasheet HTML 4Page - TT Electronics. OPBA303 Datasheet HTML 5Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue B
02/13
Page 2 of 5
Photologic® Dual Channel Encoder
OPBA301, OPBA303
OPTEK Technology is TS 16949:2002 certified, any changes will be consistent with TS 16949:2002 procedures.
Absolute Maximum Ratings (TA = 25° C unless otherwise noted)
Storage & Operating Temperature Range
-40°C to +85° C
Input Diode
Forward DC Current
50 mA
Reverse DC Voltage
2.0 V
Power Dissipation(1)
100 mW
Output Photologic®
Supply Voltage, VCC
5.5 V
Voltage at Output
OPBA301
OPBA303
18 V
5.5V
Power Dissipation(2)
200 mW
Sinking Output Current
40 mA
Pin #
Description
1
Output-A
2
Output-B
3
VCC
4
Ground
CONTAINS POLYSULFONE
To avoid stress cracking, we suggest using
ND Industries’ Vibra-Tite for thread-locking.
Vibra-Tite evaporates fast without causing
structural failure in OPTEK’s molded plastics.
INCHES
[ MILLIMETERS]
DIMENSIONS ARE IN:
OPBA301, OPBA303
B A



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com