Electronic Components Datasheet Search
  English  ▼

X  

OPBA303 Datasheet(PDF) 3 Page - TT Electronics.

Part # OPBA303
Description  Photologic짰 Dual Channel Encoder
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OPBA303 Datasheet(HTML) 3 Page - TT Electronics.

  OPBA303 Datasheet HTML 1Page - TT Electronics. OPBA303 Datasheet HTML 2Page - TT Electronics. OPBA303 Datasheet HTML 3Page - TT Electronics. OPBA303 Datasheet HTML 4Page - TT Electronics. OPBA303 Datasheet HTML 5Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue B
02/13
Page 3 of 5
Photologic® Dual Channel Encoder
OPBA301, OPBA303
OPTEK Technology is TS 16949:2002 certified, any changes will be consistent with TS 16949:2002 procedures.
Electrical Characteristics (TA = 25° C unless otherwise noted)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
TEST CONDITIONS
Input Diode
VCC
Supply Voltage
4.5
-
5.5
V
Output Photologic® Sensor
ICCL
Supply Current
Both Outputs Low
(both photodiodes irradiated)
-
25.5
29
mA
Unblocked condition (no load on output)
ICCH
Supply Current
Both Outputs High
(both photodiodes shaded)
-
20.5
23
mA
Blocked condition (no load on output)
ICCM
Supply Current
Mixed Output States
(one high, one low)
-
23
-
mA
1 blocked condition
1 unblocked condition
IOH
High Level Output Current
-
1
30
µA
VOH = 16 V (blocked condition)
VOL
Low Level Output Voltage
-
0.21
0.40
V
IOL = 12.8 mA (unblocked condition)
tPHL, tPLH
Propagation Delay
Output High to Low
Output Low to High
-
-
2
10
-
-
µs
µs
VCC = 5 V, RL = 360 Ω,
f = 10 kHz, DC = 50%
tr, tf
Output Rise Time
Output Fall Time
-
-
20
5
-
-
ns
ns
RL = 360 Ω
Supply Current vs Ambient Temperature
17
19
21
23
25
27
29
31
33
-50
-25
0
25
50
75
100
TA - Ambient Temperature (°C)
VCC = 5 V
No Load on Output
λ = 890 nm
ICCL
ICCH
0
Low Level Output vs Ambient Temperature
0
0.1
0.2
0.3
0.4
0.5
-50
-25
0
25
50
75
100
TA - Ambient Temperature (°C)
VCC = 4.5 V
IOL = 12.8 mA
λ = 890 nm
EE = 0.5 mW/cm
2
VOL
High Level Output vs Ambient Temperature
0
5
10
15
20
25
-50
-25
0
25
50
75
100
TA - Ambient Temperature (°C)
VCC = 4.5 V
VOH = 18 V
EE = 0
mW/cm
2
IOH
Performance Curves



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com