Electronic Components Datasheet Search
  English  ▼

X  

XC6202 Datasheet(PDF) 13 Page - Torex Semiconductor

Part # XC6202
Description  (High Voltage) Positive Voltage Regulators
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6202 Datasheet(HTML) 13 Page - Torex Semiconductor

Back Button XC6202 Datasheet HTML 9Page - Torex Semiconductor XC6202 Datasheet HTML 10Page - Torex Semiconductor XC6202 Datasheet HTML 11Page - Torex Semiconductor XC6202 Datasheet HTML 12Page - Torex Semiconductor XC6202 Datasheet HTML 13Page - Torex Semiconductor XC6202 Datasheet HTML 14Page - Torex Semiconductor XC6202 Datasheet HTML 15Page - Torex Semiconductor XC6202 Datasheet HTML 16Page - Torex Semiconductor XC6202 Datasheet HTML 17Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
! XC6202
(8) Input Transient Response 1
(9) Input Transient Response 2
(10) Load Transient Response
XC6202 Series
(High Voltage) Positive Voltage Regulators
Preliminary
-6
-4
-2
0
2
4
6
Time (0.1msec/div)
0
1
2
3
4
5
6
IOUT=30mA
CL=1
µF(ceramic), Topr=25OC
Output Voltage
Input Voltage
1
2
3
4
5
6
Time (0.2msec/div)
3.2
3.3
3.4
3.5
3.6
3.7
IOUT=1mA
CL=1
µF(ceramic), Topr=25OC
Output Voltage
Input Voltage
1
2
3
4
5
6
Time (0.2msec/div)
3.2
3.3
3.4
3.5
3.6
3.7
IOUT=30mA
CL=1
µF(ceramic), Topr=25OC
Input Voltage
Output Voltage
0
1
2
3
4
5
Time (1msec/div)
0
30
60
90
120
150
VIN=4.3V, CIN=CL=1
µF(ceramic)
1mA
30mA
Output Voltage
Output Current
XC6202P332(3.3V)
XC6202P332(3.3V)
XC6202P332(3.3V)
XC6202P332(3.3V)
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com