Electronic Components Datasheet Search
  English  ▼

X  

XC6202 Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XC6202
Description  (High Voltage) Positive Voltage Regulators
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6202 Datasheet(HTML) 2 Page - Torex Semiconductor

  XC6202 Datasheet HTML 1Page - Torex Semiconductor XC6202 Datasheet HTML 2Page - Torex Semiconductor XC6202 Datasheet HTML 3Page - Torex Semiconductor XC6202 Datasheet HTML 4Page - Torex Semiconductor XC6202 Datasheet HTML 5Page - Torex Semiconductor XC6202 Datasheet HTML 6Page - Torex Semiconductor XC6202 Datasheet HTML 7Page - Torex Semiconductor XC6202 Datasheet HTML 8Page - Torex Semiconductor XC6202 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
! Ordering Information
XC6202P
12345
! Typical Application
! Block Diagram
DESCRIPTION
12
3
2
XC6202 Series
VOUT=15V
→1:F, 2:0
Accuracy : ±2%
(High Voltage) Positive Voltage Regulators
Preliminary
DESIGNATOR
SYMBOL
18 ~ J0
Output Voltage
For the voltage above 10V, see the example
10=A, 11=B, 12=C, 13=D, 14=E, 15=F, 16=G, 17=H, 18=J
e.g. VOUT=3.0V
→1:3, 2:0 VOUT=12V→1:C, 2:0
4
5
Embossed Tape : Standard Feed
Embossed Tape : Reverse Feed
Package : SOT-23
SOT-89
R
L
M
P
VIN
VOUT
VSS
CIN
1uF
CL
1uF
RL
Current
Li mi t
VIN
VOUT
VSS
+
-
Vol tage
Reference
Ra
Rb
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com