Electronic Components Datasheet Search
  English  ▼

X  

XC6202 Datasheet(PDF) 21 Page - Torex Semiconductor

Part # XC6202
Description  (High Voltage) Positive Voltage Regulators
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6202 Datasheet(HTML) 21 Page - Torex Semiconductor

Back Button XC6202 Datasheet HTML 17Page - Torex Semiconductor XC6202 Datasheet HTML 18Page - Torex Semiconductor XC6202 Datasheet HTML 19Page - Torex Semiconductor XC6202 Datasheet HTML 20Page - Torex Semiconductor XC6202 Datasheet HTML 21Page - Torex Semiconductor XC6202 Datasheet HTML 22Page - Torex Semiconductor XC6202 Datasheet HTML 23Page - Torex Semiconductor XC6202 Datasheet HTML 24Page - Torex Semiconductor XC6202 Datasheet HTML 25Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
! XC6202PC02
(8) Input Transient Response 1
(9) Input Transient Response 2
(10) Load Transient Response
21
XC6202 Series
(High Voltage) Positive Voltage Regulators
Preliminary
-10
-5
0
5
10
15
Time (0.4msec/div)
0
4
8
12
16
20
Iout=1mA, tr=5
µsec
CL=1mF(ceramic), Topr=25
OC
Output Voltage
Input Voltage
XC6202PC02 (12V)
-10
-5
0
5
10
15
Time (0.4msec/div)
0
4
8
12
16
20
Iout=30mA, tr=5
µsec
CL=1
µF(ceramic), Topr=25OC
XC6202PC02 (12V)
Input Voltage
Output Voltage
9
10
11
12
13
14
15
Time (1msec/div)
11.9
12.0
12.1
12.2
12.3
12.4
12.5
Iout=1mA, tr=5
µsec
CL=1
µF(ceramic), Topr=25OC
Input Voltage
Output Voltage
XC6202PC02 (12V)
9
10
11
12
13
14
15
Time (1msec/div)
11.9
12.0
12.1
12.2
12.3
12.4
12.5
Iout=30mA, tr=5
µsec
CL=1
µF(ceramic), Topr=25OC
XC6202PC02 (12V)
Input Voltage
Output Voltage
8
9
10
11
12
13
Time (1msec/div)
0
30
60
90
120
150
VIN=2.8V, tr=tf=5
µsec
CIN=CL=1
µF(ceramic), Topr=25OC
Output Current
Output Voltage
30mA
1mA
XC6202PC02 (12V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com