Electronic Components Datasheet Search
  English  ▼

X  

MSC23409C Datasheet(PDF) 4 Page - OKI electronic componets

Part # MSC23409C
Description  4,194,304-Word x 9-Bit DRAM MODULE : FAST PAGE MODE TYPE
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSC23409C Datasheet(HTML) 4 Page - OKI electronic componets

  MSC23409C Datasheet HTML 1Page - OKI electronic componets MSC23409C Datasheet HTML 2Page - OKI electronic componets MSC23409C Datasheet HTML 3Page - OKI electronic componets MSC23409C Datasheet HTML 4Page - OKI electronic componets MSC23409C Datasheet HTML 5Page - OKI electronic componets MSC23409C Datasheet HTML 6Page - OKI electronic componets MSC23409C Datasheet HTML 7Page - OKI electronic componets MSC23409C Datasheet HTML 8Page - OKI electronic componets MSC23409C Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
MSC23409C/CL-xxDS9
¡ Semiconductor
4/13
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings
Note: Permanent device damage may occur if ABSOLUTE MAXIMUM RATINGS are
exceeded. Functional operation should be restricted to the conditions as detailed in the
operational sections of this data sheet. Exposure to absolute maximum rating conditions
for extended periods may affect device reliability.
Recommended Operating Conditions
Capacitance
Voltage on Any Pin Relative to VSS
Parameter
Symbol
Rating
Unit
VIN, VOUT
–1.0 to 7.0
V
Voltage VCC Supply Relative to VSS
VCC
–1.0 to 7.0
V
Short Circuit Output Current
IOS
50
mA
Power Dissipation
PD
9W
Operating Temperature
Topr
0 to 70
°C
Storage Temperature
Tstg
–40 to 125
°C
Parameter
Symbol
Unit
Power Supply Voltage
VCC
Input High Voltage
Typ.
Min.
Max.
4.5
5.0
5.5
V
(Ta = 0°C to 70°C)
VSS
00
0
V
VIH
2.4
—
6.5
V
VIL
–1.0
—
0.8
V
Input Low Voltage
Parameter
Symbol
Unit
CIN1
pF
Input Capacitance (A0 - A10)
Typ.
Max.
—64
(Ta = 25°C, f = 1 MHz)
CIN2
pF
Input Capacitance (
RAS, CAS, WE)—
73
CIN3
pF
Input Capacitance (
CAS8)—
13
CIN4
pF
Input Capacitance (D8)
—
12
COUT
pF
Output Capacitance (Q8)
—
13
CDQ
pF
I/O Capacitance (DQ0 - DQ7)
—
19
Note : Capacitance measured with Boonton Meter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com