Electronic Components Datasheet Search
  English  ▼

X  

MSC23409C Datasheet(PDF) 1 Page - OKI electronic componets

Part # MSC23409C
Description  4,194,304-Word x 9-Bit DRAM MODULE : FAST PAGE MODE TYPE
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSC23409C Datasheet(HTML) 1 Page - OKI electronic componets

  MSC23409C Datasheet HTML 1Page - OKI electronic componets MSC23409C Datasheet HTML 2Page - OKI electronic componets MSC23409C Datasheet HTML 3Page - OKI electronic componets MSC23409C Datasheet HTML 4Page - OKI electronic componets MSC23409C Datasheet HTML 5Page - OKI electronic componets MSC23409C Datasheet HTML 6Page - OKI electronic componets MSC23409C Datasheet HTML 7Page - OKI electronic componets MSC23409C Datasheet HTML 8Page - OKI electronic componets MSC23409C Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
MSC23409C/CL-xxDS9
¡ Semiconductor
1/13
¡ Semiconductor
MSC23409C/CL-xxDS9
4,194,304-Word
¥ 9-Bit DRAM MODULE : FAST PAGE MODE TYPE
DESCRIPTION
The OKI MSC23409C/CL-xxDS9 is a fully decoded 4,194,304-word ¥ 9-bit CMOS Dynamic
Random Access Memory Module composed of nine 4-Mb DRAMs (4M ¥ 1) in SOJ packages
mounted with nine decoupling capacitors on a 30-pin glass epoxy single-inline package. This
module is generally used for memory expansion in parity applications such as workstations. The
low-power version (CL) offers reduced power consumption for mobile computing applications
like laptops and palmtops.
FEATURES
• 4-Meg ¥ 9-bit organization
• 30-Pin Socket Insertable Module
MSC23409C/CL-xxDS9 : Solder tab
• Single 5 V supply ±10% tolerance
• Access times : 60, 70, 80 ns
• Input
: TTL compatible
• Output : TTL compatible, 3-state
• Refresh : 1024 cycles/16 ms (128 ms : L-version)
• CAS before RAS refresh, CAS before RAS hidden refresh, RAS-only refresh capability
• Multi-bit test mode capability
• Fast Page Mode capability
PRODUCT FAMILY
Family
Access Time (Max.)
Cycle Time
(Min.)
Power Dissipation
Operating (Max.) Standby (Max.)
tRAC
tAA
tCAC
MSC23409C/CL-60DS9
MSC23409C/CL-70DS9
MSC23409C/CL-80DS9
60 ns
70 ns
80 ns
30 ns
35 ns
40 ns
15 ns
20 ns
20 ns
110 ns
130 ns
150 ns
4950 mW
4455 mW
3960 mW
49.5 mW/
9.9 mW (L-version)
E2H0093-15-90
This version: Sep. 1995


Similar Part No. - MSC23409C

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC23408C OKI-MSC23408C Datasheet
554Kb / 8P
4,194,304-Word x 8-Bit DRAM MODULE : FAST PAGE MODE TYPE
MSC23408CL-XXDS8 OKI-MSC23408CL-XXDS8 Datasheet
554Kb / 8P
4,194,304-Word x 8-Bit DRAM MODULE : FAST PAGE MODE TYPE
More results

Similar Description - MSC23409C

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC23408C OKI-MSC23408C Datasheet
554Kb / 8P
4,194,304-Word x 8-Bit DRAM MODULE : FAST PAGE MODE TYPE
MSC2343257A OKI-MSC2343257A Datasheet
65Kb / 8P
4,194,304-Word x 32-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23432A OKI-MSC23432A Datasheet
576Kb / 8P
4,194,304-Word x 32-Bit DRAM MODULE : FAST PAGE MODE TYPE
MSC23436A OKI-MSC23436A Datasheet
556Kb / 8P
4,194,304-Word x 36-Bit DRAM MODULE : FAST PAGE TYPE
MSC23436D OKI-MSC23436D Datasheet
47Kb / 9P
4,194,304-word x 36-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23437A OKI-MSC23437A Datasheet
623Kb / 8P
4,194,304-Word X x 36Bit DRAM MODULE : FAST PAGE MODE TYPE
MSC23CV43257A OKI-MSC23CV43257A Datasheet
68Kb / 9P
4,194,304-Word x 32-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23V47257TA OKI-MSC23V47257TA Datasheet
60Kb / 5P
4,194,304-Word 쨈 72-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23440D-XXBS10 OKI-MSC23440D-XXBS10 Datasheet
87Kb / 9P
4,194,304-word x 40-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23441D-XXBS10 OKI-MSC23441D-XXBS10 Datasheet
85Kb / 9P
4,194,304-word x 40-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com