Electronic Components Datasheet Search
  English  ▼

X  

MSC23409C Datasheet(PDF) 6 Page - OKI electronic componets

Part # MSC23409C
Description  4,194,304-Word x 9-Bit DRAM MODULE : FAST PAGE MODE TYPE
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSC23409C Datasheet(HTML) 6 Page - OKI electronic componets

Back Button MSC23409C Datasheet HTML 2Page - OKI electronic componets MSC23409C Datasheet HTML 3Page - OKI electronic componets MSC23409C Datasheet HTML 4Page - OKI electronic componets MSC23409C Datasheet HTML 5Page - OKI electronic componets MSC23409C Datasheet HTML 6Page - OKI electronic componets MSC23409C Datasheet HTML 7Page - OKI electronic componets MSC23409C Datasheet HTML 8Page - OKI electronic componets MSC23409C Datasheet HTML 9Page - OKI electronic componets MSC23409C Datasheet HTML 10Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
MSC23409C/CL-xxDS9
¡ Semiconductor
6/13
AC Characteristics (1/2)
—
Parameter
Symbol
MSC23409C/CL MSC23409C/CL
Unit
Min.
Max.
MSC23409C/CL
Random Read or Write Cycle Time
Min.
Max.
Min.
Max.
Note
(VCC = 5 V ±10%, Ta = 0°C to 70°C)
Note 1,2,3,9,10
tRC
110
—
130
150
—
ns
4, 5, 6
—
Fast Page Mode Cycle Time
tPC
40
—
45
50
—
ns
70
Access Time from
RAS
tRAC
—60—
—80
ns
20
Access Time from
CAS
tCAC
—15—
—20
ns
35
Access Time from Column Address
tAA
—30—
—40
ns
40
Access Time from
CAS Precharge
tCPA
—35—
—45
ns
—
Output Low Impedance Time from
CAS
tCLZ
0—
0
0
—
ns
20
Output Buffer Turn-off Delay Time
tOFF
0150
020
ns
50
Transition Time
tT
3503
350
ns
16
Refresh Period
tREF
—16—
—16
ms
128
Refresh Period (L-version)
tREF
—
128
—
—
128
ms
—
RAS Precharge Time
tRP
40
—
50
60
—
ns
10K
RAS Pulse Width
tRAS
60
10K
70
80
10K
ns
100K
RAS Pulse Width (Fast Page Mode)
tRASP
60
100K
70
80
100K
ns
—
RAS Hold Time
tRSH
15
—
20
20
—
ns
—
CAS Precharge Time
tCP
10
—
10
10
—
ns
10K
CAS Pulse Width
tCAS
15
10K
20
20
10K
ns
—
CAS Hold Time
tCSH
60
—
70
80
—
ns
—
CAS to RAS Precharge Time
tCRP
5—
5
5
—
ns
50
RAS to CAS Delay Time
tRCD
20
45
20
20
60
ns
35
RAS to Column Address Delay Time
tRAD
15
30
15
15
40
ns
—
Row Address Set-up Time
tASR
0—
0
0
—
ns
—
Row Address Hold Time
tRAH
10
—
10
10
—
ns
—
Column Address Set-up Time
tASC
0—
0
0
—
ns
—
Column Address Hold Time
tCAH
15
—
15
15
—
ns
—
Column Address Hold Time from
RAS
tAR
50
—
55
60
—
ns
—
Column Address to
RAS Lead Time
tRAL
30
—
35
40
—
ns
4, 5
4, 6
4
4
7
3
5
6
-60DS9
-70DS9
-80DS9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com